Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS780LLRTR-050B-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS780LLRTR-050B-T
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780LLRTR-050B-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS780LLRTR-050B-T Datasheet HTML 1Page - Allegro MicroSystems ACS780LLRTR-050B-T Datasheet HTML 2Page - Allegro MicroSystems ACS780LLRTR-050B-T Datasheet HTML 3Page - Allegro MicroSystems ACS780LLRTR-050B-T Datasheet HTML 4Page - Allegro MicroSystems ACS780LLRTR-050B-T Datasheet HTML 5Page - Allegro MicroSystems ACS780LLRTR-050B-T Datasheet HTML 6Page - Allegro MicroSystems ACS780LLRTR-050B-T Datasheet HTML 7Page - Allegro MicroSystems ACS780LLRTR-050B-T Datasheet HTML 8Page - Allegro MicroSystems ACS780LLRTR-050B-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Application 1: The ACS780xLR outputs an analog signal, VOUT, that varies linearly with the bidirectional AC or DC primary
current, IP, within the range specified. CF is for optimal noise management, with values that depend on the application.
ACS780xLR
DESCRIPTION
The Allegro ACS780xLR is a fully integrated current sensor
linear IC in a new core-less package designed to senseAC and
DC currents up to 100 A. This automotive-grade, low-profile
(1.5 mm thick) sensor IC package has a very small footprint.
The Hall sensor technology also incorporates common-mode
field rejection to optimize performance in the presence of
interferingmagneticfieldsgeneratedbynearbycurrent-carrying
conductors.
Thedeviceconsistsofaprecision,low-offsetlinearHallcircuit
with a copper conduction path located near the die. Applied
current flowing through this copper conduction path generates
a magnetic field which the Hall IC converts into a proportional
voltage. Device accuracy is optimized through the close
proximity of the primary conductor to the Hall transducer and
factory programming of the sensitivity and quiescent output
voltage at the Allegro factory.
Chopper-stabilized signal path and digital temperature
compensation technology also contribute to the stability of the
device across the operating temperature range.
High-level immunity to current conductor dV/dt and stray
electricfieldsisofferedbyAllegroproprietaryintegratedshield
technology, for low-output voltage ripple and low-offset drift
in high-side, high-voltage applications.
Theoutputofthedevicehasapositiveslope(>VCC/2)whenan
increasingcurrentflowsthroughtheprimarycopperconduction
ACS780xLR-DS
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
Continued on the next page…
Typical Application
5 V
VOUT
RF
CF
CBYP
0.1 µF
IP+
IP–
GND
ACS780xLR
VOUT
VCC
IP
2
5
6
3
1
FEATURES AND BENEFITS
▪Core-less,micro-sized,100Acontinuouscurrentpackage
▪Ultra-lowpowerloss:200µΩinternalconductor
resistance
▪Immunitytocommon-modefieldinterference
▪Greatlyimprovedtotaloutputerrorthroughdigitally
programmed and compensated gain and offset over the full
operating temperature range
▪Industry-leadingnoiseperformancethroughproprietary
amplifier and filter design techniques
▪Integratedshieldgreatlyreducescapacitivecouplingfrom
current conductor to die due to high dV/dt signals, and
prevents offset drift in high-side, high-voltage applications
▪MonolithicHallICforhighreliability
▪4.5to5.5V,singlesupplyoperation
▪120kHztypicalbandwidth
▪3.6µsoutputrisetimeinresponsetostepinputcurrent
▪OutputvoltageproportionaltoACorDCcurrents
▪Factory-trimmedforaccuracy
▪Extremelystablequiescentoutputvoltage
▪AEC-Q100automotivequalification
PACKAGE:
7-pin PSOF package (suffix LR)
Not to scale


Similar Part No. - ACS780LLRTR-050B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
More results

Similar Description - ACS780LLRTR-050B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS781XLR ALLEGRO-ACS781XLR Datasheet
1Mb / 22P
   Core-less, micro-sized, 100 A continuous current package
logo
WAGO Kontakttechnik Gmb...
855-4001-100-001 WAGO-855-4001-100-001 Datasheet
214Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
855-3001-100-003 WAGO-855-3001-100-003 Datasheet
200Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
logo
STANLEY ELECTRIC CO.,LT...
VFSY1112GS-3CY2D-TR STANLEY-VFSY1112GS-3CY2D-TR Datasheet
747Kb / 24P
   Small-sized, high-brightness package
logo
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
   Initial Charging Current less than 35 A
logo
STANLEY ELECTRIC CO.,LT...
VFSR1112GS-3CX2A-TR STANLEY-VFSR1112GS-3CX2A-TR Datasheet
711Kb / 24P
   Small-sized, high-brightness package
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
SS0335YCN-041 PACELEADER-SS0335YCN-041 Datasheet
190Kb / 6P
   Continuous Forward Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com