Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853S004AKILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 853S004AKILFT
Description  Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S004AKILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  853S004AKILFT Datasheet HTML 1Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 2Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 3Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 4Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 5Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 6Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 7Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 8Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ICS853S004AKI May 27, 2017
2
©2017 Integrated Device Technology, Inc.
ICS853S004I Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
Q1, nQ1
Output
Differential output pair. LVPECL interface levels.
3, 4
Q2, nQ2
Output
Differential output pair. LVPECL interface levels.
5, 6
Q3, nQ3
Output
Differential output pair. LVPECL interface levels.
7VEE
Power
Negative supply pin.
8
nc
Unused
No connect.
9
PCLK
Input
Pulldown
Non-inverting differential LVPECL clock input.
10
nPCLK
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
11
VBB
Output
Bias voltage.
12, 14
VCC
Power
Power supply pins.
13
nEN
Input
Pulldown
Synchronizing clock enable. When LOW, clock outputs follow clock input.
When HIGH, Qx outputs are forced low, nQx outputs are forced high.
Single-ended LVPECL interface levels.
15, 16
Q0, nQ0
Output
Differential output pair. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RPULLDOWN
Input Pulldown Resistor
37
k
RVCC/2
Pullup/Pulldown Resistors
37
k


Similar Part No. - 853S004AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S004AKILFT IDT-853S004AKILFT Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
More results

Similar Description - 853S004AKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
   Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
   Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
logo
Integrated Circuit Syst...
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
   Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
   LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com