Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS780XLR Datasheet(PDF) 20 Page - Allegro MicroSystems

Part No. ACS780XLR
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780XLR Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button ACS780XLR Datasheet HTML 16Page - Allegro MicroSystems ACS780XLR Datasheet HTML 17Page - Allegro MicroSystems ACS780XLR Datasheet HTML 18Page - Allegro MicroSystems ACS780XLR Datasheet HTML 19Page - Allegro MicroSystems ACS780XLR Datasheet HTML 20Page - Allegro MicroSystems ACS780XLR Datasheet HTML 21Page - Allegro MicroSystems ACS780XLR Datasheet HTML 22Page - Allegro MicroSystems ACS780XLR Datasheet HTML 23Page - Allegro MicroSystems ACS780XLR Datasheet HTML 24Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
20
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Chopper Stabilization Technique
Amp
Regulator
Clock/Logic
Hall Element
Tuned
Filter
Anti-Aliasing
LP Filter
Concept of Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed across
the Hall element. This voltage is disproportionally small relative
to the offset that can be produced at the output of the Hall sensor
IC. This makes it difficult to process the signal while maintaining
an accurate, reliable output over the specified operating tempera-
ture and voltage ranges.
Chopper stabilization is a unique approach used to minimize
Hall offset on the chip. Allegro employs a technique to remove
key sources of the output drift induced by thermal and mechani-
cal stresses. This offset reduction technique is based on a signal
modulation-demodulation process. The undesired offset signal is
separated from the magnetic field-induced signal in the frequency
domain, through modulation. The subsequent demodulation acts
as a modulation process for the offset, causing the magnetic field-
induced signal to recover its original spectrum at baseband, while
the DC offset becomes a high-frequency signal. The magnetic-
sourced signal then can pass through a low-pass filter, while the
modulated DC offset is suppressed.
In addition to the removal of the thermal and stress-related offset,
this novel technique also reduces the amount of thermal noise
in the Hall sensor IC while completely removing the modulated
residue resulting from the chopper operation. The chopper sta-
bilizationtechniqueusesahigh-frequencysamplingclock.For
demodulation process, a sample-and-hold technique is used. This
high-frequency operation allows a greater sampling rate, which
results in higher accuracy and faster signal-processing capability.
This approach desensitizes the chip to the effects of thermal and
mechanical stresses, and produces devices that have extremely
stable quiescent Hall output voltages and precise recoverabil-
ity after temperature cycling. This technique is made possible
throughtheuseofaBiCMOSprocess,whichallowstheuseof
low-offset, low-noise amplifiers in combination with high-density
logic integration and sample-and-hold circuits.


Similar Part No. - ACS780XLR

ManufacturerPart No.DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
More results

Similar Description - ACS780XLR

ManufacturerPart No.DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
ACS781XLR ALLEGRO-ACS781XLR Datasheet
1Mb / 22P
   Core-less, micro-sized, 100 A continuous current package
Vishay Siliconix
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A continuous output current
WAGO Kontakttechnik GmbH & Co. KG
WAGO Kontakttechnik Gmb...
855-4001-100-001 WAGO-855-4001-100-001 Datasheet
214Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
855-3001-100-003 WAGO-855-3001-100-003 Datasheet
200Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
STANLEY ELECTRIC CO.,LTD.
STANLEY ELECTRIC CO.,LT...
VFSY1112GS-3CY2D-TR STANLEY-VFSY1112GS-3CY2D-TR Datasheet
747Kb / 24P
   Small-sized, high-brightness package
VFSR1112GS-3CX2A-TR STANLEY-VFSR1112GS-3CX2A-TR Datasheet
711Kb / 24P
   Small-sized, high-brightness package
Shenzhen Sunnyway Battery Tech Co.Ltd.
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
   Initial Charging Current less than 35 A
PACELEADER INDUSTRIAL
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
Vishay Siliconix
Vishay Siliconix
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   Delivers up to 50 A continuous current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz