Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS780XLR Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # ACS780XLR
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780XLR Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button ACS780XLR Datasheet HTML 15Page - Allegro MicroSystems ACS780XLR Datasheet HTML 16Page - Allegro MicroSystems ACS780XLR Datasheet HTML 17Page - Allegro MicroSystems ACS780XLR Datasheet HTML 18Page - Allegro MicroSystems ACS780XLR Datasheet HTML 19Page - Allegro MicroSystems ACS780XLR Datasheet HTML 20Page - Allegro MicroSystems ACS780XLR Datasheet HTML 21Page - Allegro MicroSystems ACS780XLR Datasheet HTML 22Page - Allegro MicroSystems ACS780XLR Datasheet HTML 23Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
19
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Coming out of UVLOWhileUVLOisenabled[6],ifVCC
exceeds VUVLOH[7],UVLOwillbedisabledaftertUVLOD,
and the output will be VCC / 2 [8].
Power-Down As VCC ramps down below VUVLOL[6’,9],the
UVLOEnableCounterwillstartcounting.IfVCC is higher
than VPORL when the counter reaches tUVLOE,theUVLO
function will be enabled and the ouput will be pulled near
GND[10].Theoutputwillenterahigh-impedancestateas
VCC goes below VPORL [11]. If VCC falls below VPORL before
theUVLOEnableCounerreachestUVLOE, the output will
transitiondirectlyintoahigh-impedancestate[7’].


Similar Part No. - ACS780XLR

ManufacturerPart #DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
More results

Similar Description - ACS780XLR

ManufacturerPart #DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
ACS781XLR ALLEGRO-ACS781XLR Datasheet
1Mb / 22P
   Core-less, micro-sized, 100 A continuous current package
Vishay Siliconix
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
WAGO Kontakttechnik GmbH & Co. KG
WAGO Kontakttechnik Gmb...
855-4001-100-001 WAGO-855-4001-100-001 Datasheet
214Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
855-3001-100-003 WAGO-855-3001-100-003 Datasheet
200Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
STANLEY ELECTRIC CO.,LTD.
STANLEY ELECTRIC CO.,LT...
VFSY1112GS-3CY2D-TR STANLEY-VFSY1112GS-3CY2D-TR Datasheet
747Kb / 24P
   Small-sized, high-brightness package
VFSR1112GS-3CX2A-TR STANLEY-VFSR1112GS-3CX2A-TR Datasheet
711Kb / 24P
   Small-sized, high-brightness package
Shenzhen Sunnyway Battery Tech Co.Ltd.
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
   Initial Charging Current less than 35 A
PACELEADER INDUSTRIAL
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
Vishay Siliconix
Vishay Siliconix
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com