Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS780XLR Datasheet(PDF) 18 Page - Allegro MicroSystems

Part No. ACS780XLR
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780XLR Datasheet(HTML) 18 Page - Allegro MicroSystems

Back Button ACS780XLR Datasheet HTML 14Page - Allegro MicroSystems ACS780XLR Datasheet HTML 15Page - Allegro MicroSystems ACS780XLR Datasheet HTML 16Page - Allegro MicroSystems ACS780XLR Datasheet HTML 17Page - Allegro MicroSystems ACS780XLR Datasheet HTML 18Page - Allegro MicroSystems ACS780XLR Datasheet HTML 19Page - Allegro MicroSystems ACS780XLR Datasheet HTML 20Page - Allegro MicroSystems ACS780XLR Datasheet HTML 21Page - Allegro MicroSystems ACS780XLR Datasheet HTML 22Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
18
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
FUNCTIONAL DESCRIPTION
Power-On Reset (POR) and Undervoltage
Lock-Out (UVLO) Operation
Thedescriptionsinthissectionassume:temperature=25°C,no
output load (RL, CL), and no significant magnetic field is present.
Power-Up At power-up, as VCC ramps up, the output is in a
high-impedance state. When VCC crosses VPORH (location [1]
inFigure1and[1’]inFigure2),thePORReleasecounter
starts counting for tPORR. At this point, if VCC exceeds VUVLOH
[2’],theoutputwillgotoVCC / 2 after tUVLOD=14µs[3’].If
VCC does not exceed VUVLOH [2], the output will stay in the
high-impedance state until VCC reaches VUVLOH[3]andthen
will go to VCC / 2 after tUVLOD[4].
VCC drops below VCC(min)= 4.5 V If VCC drops below
VUVLOL[4’,5],theUVLOEnableCounterstartscounting.If
VCC is still below VUVLOL when counter reaches tUVLOE, the
UVLOfunctionwillbeenabledandtheouputwillbepulled
nearGND[6].IfVCC exceeds VUVLOLbeforetheUVLO
EnableCounterreachestUVLOE[5’],theoutputwillcontinue
to be VCC/2.
Figure 2: POR and UVLO Operation – Fast Rise Time case
tUVLOE
tPORR
tPORR
tUVLOD
< tUVLOE
tUVLOD
tUVLOD
tUVLOE
1
1’ 2’
4’ 5’
6’ 7’
3’
2
5.0
VUVLOH
VUVLOH
VPORH
VPORL
VPORH
VPORL
VUVLOL
VUVLOL
2.5
High Impedance
High Impedance
High Impedance
High Impedance
Slope =
VCC /2
Slope =
VCC /2
GND
Time
Time
Time
Time
GND
VCC
VCC
VOUT
5.0
2.5
GND
GND
VOUT
3
5 6
7
11
8
10
9
4
Slope =
VCC /2
< tUVLOE
Figure 1: POR and UVLO Operation – Slow Rise Time case


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn