Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS780XLR Datasheet(PDF) 17 Page - Allegro MicroSystems

Part No. ACS780XLR
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780XLR Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button ACS780XLR Datasheet HTML 13Page - Allegro MicroSystems ACS780XLR Datasheet HTML 14Page - Allegro MicroSystems ACS780XLR Datasheet HTML 15Page - Allegro MicroSystems ACS780XLR Datasheet HTML 16Page - Allegro MicroSystems ACS780XLR Datasheet HTML 17Page - Allegro MicroSystems ACS780XLR Datasheet HTML 18Page - Allegro MicroSystems ACS780XLR Datasheet HTML 19Page - Allegro MicroSystems ACS780XLR Datasheet HTML 20Page - Allegro MicroSystems ACS780XLR Datasheet HTML 21Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
17
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
POWER-ON RESET RELEASE TIME (tPORR)
When VCC rises to VPORH,thePower-OnResetCounterstarts.
The sensor output voltage will transition from a high-impedance
statetonormaloperationonlywhenthePower-OnResetCounter
has reached tPORR and VCC has exceeded VUVLOH.
UNDERVOLTAGE LOCKOUT THRESHOLD (VUVLO )
If VCC drops below VUVLOL, output voltage will be locked to
GND.IfVCC starts rising, the sensor will come out of the locked
state when VCC reaches VUVLOH.
UVLO ENABLE/DISABLE RELEASE TIME (tUVLO)
When a falling VCC reaches VUVLOL, time tUVLOE is required
toengageUndervoltageLockoutstate.WhenVCC rises above
VUVLOH, time tUVLODisrequiredtodisableUVLOandhavea
valid output voltage.
Increasing VIOUT(V)
+IP (A)
Accuracy
Accuracy
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
0 A
v r
O e ∆Temp erature
Average
VIOUT
–IP (A)
v r
O e ∆Temp erature
v r
O e ∆Temp erature
Decreasing VIOUT(V)
IP(min)
IP(max)
Half Scale
Output Voltage versus Sampled Current
Total Output Error at 0 A and at Full-Scale Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn