Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS780XLR Datasheet(PDF) 15 Page - Allegro MicroSystems

Part No. ACS780XLR
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780XLR Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ACS780XLR Datasheet HTML 11Page - Allegro MicroSystems ACS780XLR Datasheet HTML 12Page - Allegro MicroSystems ACS780XLR Datasheet HTML 13Page - Allegro MicroSystems ACS780XLR Datasheet HTML 14Page - Allegro MicroSystems ACS780XLR Datasheet HTML 15Page - Allegro MicroSystems ACS780XLR Datasheet HTML 16Page - Allegro MicroSystems ACS780XLR Datasheet HTML 17Page - Allegro MicroSystems ACS780XLR Datasheet HTML 18Page - Allegro MicroSystems ACS780XLR Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
15
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Definitions of Accuracy Characteristics
CHARACTERISTIC DEFINITIONS
SENSITIVITY (Sens)
The change in device output in response to a 1 A change through
the primary conductor. The sensitivity is the product of the mag-
neticcircuitsensitivity(G/A)andthelinearICamplifiergain
(mV/G).ThelinearICamplifiergainisprogrammedatthefactory
to optimize the sensitivity (mV/A) for the half-scale current of the
device.
NOISE (VNOISE)
The noise floor is derived from the thermal and shot noise
observed in Hall elements. Dividing the noise (mV) by the sensi-
tivity (mV/A) provides the smallest current that the device is able
to resolve.
NONLINEARITY (ELIN)
The ACS770 is designed to provide a linear output in response
toarampingcurrent.Considertwocurrentlevels:I1andI2.Ide-
ally, the sensitivity of a device is the same for both currents, for
a given supply voltage and temperature. Nonlinearity is present
when there is a difference between the sensitivities measured at
I1 and I2. Nonlinearity is calculated separately for the positive
(ELINpos)andnegative(ELINneg)appliedcurrentsasfollows:
ELINpos = 100 (%) × {1 – (SensIPOS2/ SensIPOS1) }
ELINneg = 100 (%) × {1 – (SensINEG2/ SensINEG1)}
where:
SensIx = (VIOUT(Ix) – VIOUT(Q))/ Ix
and IPOSx and INEGx are positive and negative currents.
Then:
ELIN=max(ELINpos,ELINneg )
RATIOMETRY
The device features a ratiometric output. This means that the
quiescent voltage output, VOUTQ, and the magnetic sensitivity,
Sens, are proportional to the supply voltage, VCC.The ratiometric
change(%)inthequiescentvoltageoutputisdefinedas:
VCC 5 V
VOUT(Q)(VCC) VOUT(Q)(5V)
RatERRVOUT(Q) =
× 100
%
1 –
( )
andtheratiometricchange(%)insensitivityisdefinedas:
VCC 5 V
Sens(VCC) Sens(5V)
RatERRSens =
× 100
%
1 –
( )
QUIESCENT OUTPUT VOLTAGE (VOUT(Q))
Theoutputofthedevicewhentheprimarycurrentiszero.For
bidirectional sensors, it nominally remains at VCC⁄2andforuni-
directional sensors at 0.1 × VCC. Thus, VCC = 5 V translates into
VOUT(BI) = 2.5 V and VOUT(QU) = 0.5 V. Variation in VOUT(Q)can
be attributed to the resolution of the Allegro linear IC quiescent
voltage trim and thermal drift.
ELECTRICAL OFFSET VOLTAGE (VOE)
The deviation of the device output from its ideal quiescent value
due to nonmagnetic causes.
TOTAL OUTPUT ERROR (ETOT)
The maximum deviation of the actual output from its ideal value,
also referred to as accuracy, illustrated graphically in the output
voltage versus current chart on the following page.
ETOTisdividedintofourareas:
• 0 A at 25°C. Accuracy at the zero current flow at 25°C,
without the effects of temperature.
• 0 A over Δ temperature. Accuracy at the zero current flow
including temperature effects.
• Full-scale current at 25°C. Accuracy at the full-scale current at
25°C, without the effects of temperature.
• Full-scale current over Δ temperature. Accuracy at the full-
scale current flow including temperature effects.
=
× 100 (%)
ETOT(IP)
VIOUT(IP) – VIOUT_IDEAL(IP)
SensIDEAL × IP
where
VIOUT_IDEAL(IP) = VIOUT(Q)+ (SensIDEAL × IP )


Similar Part No. - ACS780XLR

ManufacturerPart No.DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
More results

Similar Description - ACS780XLR

ManufacturerPart No.DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
ACS781XLR ALLEGRO-ACS781XLR Datasheet
1Mb / 22P
   Core-less, micro-sized, 100 A continuous current package
Vishay Siliconix
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A continuous output current
WAGO Kontakttechnik GmbH & Co. KG
WAGO Kontakttechnik Gmb...
855-4001-100-001 WAGO-855-4001-100-001 Datasheet
214Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
855-3001-100-003 WAGO-855-3001-100-003 Datasheet
200Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
STANLEY ELECTRIC CO.,LTD.
STANLEY ELECTRIC CO.,LT...
VFSY1112GS-3CY2D-TR STANLEY-VFSY1112GS-3CY2D-TR Datasheet
747Kb / 24P
   Small-sized, high-brightness package
VFSR1112GS-3CX2A-TR STANLEY-VFSR1112GS-3CX2A-TR Datasheet
711Kb / 24P
   Small-sized, high-brightness package
Shenzhen Sunnyway Battery Tech Co.Ltd.
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
   Initial Charging Current less than 35 A
PACELEADER INDUSTRIAL
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
Vishay Siliconix
Vishay Siliconix
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   Delivers up to 50 A continuous current
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz