Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS780XLR Datasheet(PDF) 9 Page - Allegro MicroSystems

Part No. ACS780XLR
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780XLR Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ACS780XLR Datasheet HTML 5Page - Allegro MicroSystems ACS780XLR Datasheet HTML 6Page - Allegro MicroSystems ACS780XLR Datasheet HTML 7Page - Allegro MicroSystems ACS780XLR Datasheet HTML 8Page - Allegro MicroSystems ACS780XLR Datasheet HTML 9Page - Allegro MicroSystems ACS780XLR Datasheet HTML 10Page - Allegro MicroSystems ACS780XLR Datasheet HTML 11Page - Allegro MicroSystems ACS780XLR Datasheet HTML 12Page - Allegro MicroSystems ACS780XLR Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X100U PERFORMANCE CHARACTERISTICS1: TOP = –40°C to 150°C, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Primary Sampled Current
IP
0
100
A
Sensitivity2
SensTA
Measured using 33% of full scale IP, TA = 25°C
38.7
40
41.3
mV/A
Sens(TOP)HT Measured using 33% of full scale IP, TOP = 25°C to 150°C
38.7
40
41.3
mV/A
Sens(TOP)LT Measured using 33% of full scale IP, TOP = –40°C to 25°C
38.5
40
41.5
mV/A
Noise4
VNOISEPP
Peak-to-peak, TA= 25°C, 1 nF on VOUT pin to GND
36
mV
INOISE
Input referred
0.4
mARMS
/
√(Hz)
Nonlinearity
ELIN
Measured at VOUT around 3.5 V and 4.5 V
–1
1
%
Electrical Offset Voltage5,6
VOE(TA)
IP = 0 A, TA = 25°C
–10
±3
10
mV
VOE(TOP)HT
IP = 0 A, TOP = 25°C to 150°C
–10
±5
10
mV
VOE(TOP)LT
IP = 0 A, TOP = –40°C to 25°C
–20
±10
20
mV
Electric Offset Voltage
Over Lifetime3
ΔVOE(LIFE)
TOP = –40°C to 150°C, estimated shift after AEC-Q100 grade 0
qualification testing
±1
mV
Total Output Error
ETOT(HT)
Measured using 33% of full scale IP, TOP = 25°C to 150°C
–3.25
±0.8
3.25
%
ETOT(LT)
Measured using 33% of full scale IP, TOP = –40°C to 25°C
–3.75
±1.5
3.75
%
Total Output Error Including
Lifetime Drift7
ETOT(HT,LIFE) Measured using 33% of full scale IP, TOP = 25°C to 150°C
–4.1
±2.28
4.1
%
ETOT(LT,LIFE)
Measured using 33% of full scale IP, TOP = –40°C to 25°C
–5.6
±2.98
5.6
%
1
See Characteristic Performance Data page for parameter distributions over temperature range.
2
This parameter may drift a maximum of ΔSensLIFE over lifetime.
3
Based on characterization data obtained during standardized stress test for Qualification of Integrated Circuits, including Package Hysteresis. Cannot
be guaranteed. Drift is a function of customer application conditions. Please contact Allegro MicroSystems for further information.
4
±3 sigma noise voltage.
5
Drift is referred to ideal VOUT(QU) = 0.5 V.
6
This parameter may drift a maximum of ΔVOE(LIFE) over lifetime.
7
The maximum drift of any single device during qualification testing was 4%.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn