Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS780XLR Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. ACS780XLR
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780XLR Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS780XLR Datasheet HTML 1Page - Allegro MicroSystems ACS780XLR Datasheet HTML 2Page - Allegro MicroSystems ACS780XLR Datasheet HTML 3Page - Allegro MicroSystems ACS780XLR Datasheet HTML 4Page - Allegro MicroSystems ACS780XLR Datasheet HTML 5Page - Allegro MicroSystems ACS780XLR Datasheet HTML 6Page - Allegro MicroSystems ACS780XLR Datasheet HTML 7Page - Allegro MicroSystems ACS780XLR Datasheet HTML 8Page - Allegro MicroSystems ACS780XLR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
IP+
IP–
NC
7
6
5
4
3
2
1
NC
VOUT
GND
VCC
Terminal List Table
Number
Name
Description
1
VCC
Device power supply terminal
2
GND
Signal ground terminal
3
VOUT
Analog output signal
4
NC
No connection, connect to GND for optimal
ESD performance
5
IP+
Terminal for current being sampled
6
IP–
Terminal for current being sampled
7
NC
No connection, connect to GND for optimal
ESD performance
Functional Block Diagram
Pinout Diagram
VCC
Master Current
Supply
Hall Current
Drive
VOUT
GND
IP–
IP+
To all subcircuits
Programming
Control
Sensitivity
Control
Temperature
Sensor
Tuned
Filter
Offset
Control
EEPROM and
Control Logic
Amp
ACS780xLR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn