Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH32244 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT74ALVCH32244
Description  3.3V CMOS 32-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74ALVCH32244 Datasheet(HTML) 2 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74ALVCH32244
3.3VCMOS32-BITBUFFER/DRIVERWITH3-STATEOUTPUTS
LFBGA
TOPVIEW
96 BALL LFBGA PACKAGE ATTRIBUTES
PIN CONFIGURATION
1.5mm Max.
1.4mm Nom.
1.3mm Min.
0.8mm
6
5
4
3
2
1
TOP VIEW
AB
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
B
C
D
E
F
G
H
J
KL
M
N
PR
T
6
5
4
3
2
1
13.5mm
5.5mm
AB
C
E
F
G
H
J
K
LM
N
P
D
R
T
6
5
4
3
2
1
2
A4
3
A1
3
A2
3
A4
4
A3
1
A4
2
A1
2
A3
4
A2
4
A4
3
A3
4
A1
1
A2
1
A3
1
A1
VCC
GND
6
A4
5
A2
5
A4
7
A1
7
A3
7
A2
5
A3
6
A1
7
A4
5
A1
8
A2
VCC
1
Y1
GND
GND
VCC
1
Y2
1Y3
8
Y2
8
Y3
GND
3
Y2
3
Y4
1
Y4
2
Y1
2
Y3
4
Y2
4
Y4
6
Y3
7
Y2
5
Y3
6
Y1
7
Y4
5
Y1
2
Y2
2
Y4
3
Y1
4
Y3
3
Y34Y1
6
Y2
6
Y4
5
Y2
5
Y4
7
Y1
7
Y3
GND
VCC
GND
VCC
GND
GND
VCC
GND
GND
GND
6
A3
6
A2
GND
2
OE
6
OE
8
A1
8
A3
8
A4
7
OE
8
Y4
8
Y1
VCC
GND
4
OE
1
OE
VCC
GND
GND
GND
3
OE
5
OE
8
OE
2
A2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn