Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C4M16SA-CI Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C4M16SA-CI
Description  Fully synchronous operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16SA-CI Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16SA-CI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M16SA-CI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M16SA-CI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M16SA-CI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M16SA-CI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16SA-CI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16SA-CI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16SA-CI Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16SA-CI Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
AS4C4M16SA-C&I
Confidential
5
Rev.3.0
Mar./2015
LDQM,
UDQM
Input
Data Input/Output Mask: Controls output buffers in read mode and masks
Input data in write mode.
DQ0-DQ15
Input /
Output
Data I/O: The DQ0-15 input and output data are synchronized with the positive
edges of CLK. The I/Os are maskable during Reads and Writes.
NC/RFU
-
No Connect: These pins should be left unconnected.
VDDQ
Supply
DQ Power: Provide isolated power to DQs for improved noise immunity.
( 3.3V
 0.3V )
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity.
( 0 V )
VDD
Supply
Power Supply: +3.3V
 0.3V
VSS
Supply
Ground


Similar Part No. - AS4C4M16SA-CI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M16SA-6BAN ALSC-AS4C4M16SA-6BAN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C4M16SA-6TAN ALSC-AS4C4M16SA-6TAN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C4M16SA-AUTOMOTIVE ALSC-AS4C4M16SA-AUTOMOTIVE Datasheet
1Mb / 54P
   Fully synchronous operation
More results

Similar Description - AS4C4M16SA-CI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com