Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C512M8D3-12BAN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C512M8D3-12BAN
Description  AEC-Q100 Compliant
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C512M8D3-12BAN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C512M8D3-12BAN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C512M8D3-12BAN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C512M8D3-12BAN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C512M8D3-12BAN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C512M8D3-12BAN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C512M8D3-12BAN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C512M8D3-12BAN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C512M8D3-12BAN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C512M8D3-12BAN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
Features
• JEDEC Standard Compliant
• Power supplies: VDD & VDDQ = +1.5V ± 0.075V
• Operating temperature: -40~105 °C(TC)
• AEC-Q100 Compliant
• Supports JEDEC clock jitter specification
• Fully synchronous operation
• Fast clock rate: 667/800MHz
• Differential Clock, CK & CK#
• Bidirectional differential data strobe
-DQS & DQS#
• 8 internal banks for concurrent operation
• 8n-bit prefetch architecture
• Pipelined internal architecture
• Precharge & active power down
• Programmable Mode & Extended Mode registers
• Additive Latency (AL): 0, CL-1, CL-2
• Programmable Burst lengths: 4, 8
• Burst type: Sequential / Interleave
• Output Driver Impedance Control
• 8192 refresh cycles / 64ms
- Average refresh period
7.8µs @ -40
°C ≦TC≦ +85°C
3.9µs @ +85
°C <TC≦ +105°C
• Write Leveling
• ZQ Calibration
• Dynamic ODT (Rtt_Nom & Rtt_WR)
• RoHS compliant
• Auto Refresh and Self Refresh
• 78-ball 9 x 10.5 x 1.2mm FBGA package
- Pb and Halogen Free
Overview
The 4Gb Double-Data-Rate-3 DRAMs is double
data rate architecture to achieve high-speed
operation. It is internally configured as an eight
bank DRAM.
The 4Gb chip is organized as 64Mbit x 8 I/Os x 8
bank devices. These synchronous devices
achieve high speed double-data-rate transfer rates
of up to 1600 Mb/sec/pin for general applications.
The chip is designed to comply with all key DDR3
DRAM key features and all of the control and
address inputs are synchronized with a pair of
externally supplied differential clocks. Inputs are
latched at the cross point of differential clocks (CK
rising and CK# falling). All I/Os are synchronized
with differential DQS pair in a source synchronous
fashion.
These devices operate with a single 1.5V ± 0.075V
power supply and are available in BGA packages.
Confidential
- 2/83 -
Rev.1.0
June 2015
4Gb Auto-AS4C512M8D3
Table 1. Speed Grade Information
Speed Grade
Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR3-1600
800 MHz
5
13.75
13.75
Table 2. Ordering Information
Product part No
Org
Temperature
Max Clock (MHz)
AS4C
512M8D3-12BAN 512x 8
Automotive -40°C to 105°C
800
Package
78-ball FBGA


Similar Part No. - AS4C512M8D3-12BAN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C512M8D3-12BCN ALSC-AS4C512M8D3-12BCN Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C512M8D3-12BIN ALSC-AS4C512M8D3-12BIN Datasheet
2Mb / 84P
   Fully synchronous operation
More results

Similar Description - AS4C512M8D3-12BAN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M16D1A-5TAN ALSC-AS4C4M16D1A-5TAN Datasheet
2Mb / 54P
   AEC-Q100 Compliant
AS4C128M16D3LA-12BAN ALSC-AS4C128M16D3LA-12BAN Datasheet
2Mb / 83P
   AEC-Q100 Compliant
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com