Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C256M16D3-12BAN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4C256M16D3-12BAN
Description  8n-bit prefetch architecture
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C256M16D3-12BAN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4C256M16D3-12BAN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C256M16D3-12BAN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C256M16D3-12BAN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C256M16D3-12BAN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C256M16D3-12BAN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C256M16D3-12BAN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C256M16D3-12BAN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C256M16D3-12BAN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C256M16D3-12BAN Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
Functional Description
The DDR3 SDRAM is a high-speed dynamic random access memory internally configured as an eight-bank DRAM.
The DDR3 SDRAM uses an 8n prefetch architecture to achieve high speed operation. The 8n Prefetch architecture
is combined with an interface designed to transfer two data words per clock cycle at the I/O pins. A single read or
write operation for the DDR3 SDRAM consists of a single 8n-bit wide, four clock data transfer at the internal DRAM
core and two corresponding n-bit wide, one-half clock cycle data transfers at the I/O pins.
Read and write operation to the DDR3 SDRAM are burst oriented, start at a selected location, and continue for a
burst length of eight or a ‘chopped’ burst of four in a programmed sequence. Operation begins with the registration
of an Active command, which is then followed by a Read or Write command. The address bits registered coincident
with the Active command are used to select the bank and row to be activated (BA0-BA2 select the bank; A0-A14
select the row). The address bit registered coincident with the Read or Write command are used to select the
starting column location for the burst operation, determine if the auto precharge command is to be issued (via A10),
and select BC4 or BL8 mode ‘on the fly’ (via A12) if enabled in the mode register.
Prior to normal operation, the DDR3 SDRAM must be powered up and initialized in a predefined manner. The
following sections provide detailed information covering device reset and initialization, register definition, command
descriptions and device operation.
Figure 4. Reset and Initialization Sequence at Power-on Ramping
CK#
VDDQ
Tb
Tc
Td
Te
Tf
Tg
Th
Ti
Tj
Ta
RESET#
CK
tCKSRX
Tk
T=200µs
T=500µs
tDLLK
tXPR
tMRD
tMRD
tMRD
tMOD
tZQinit
MRS
Note 1
MRS
MRS
MRS
ZQCL
Note 1
VALID
MR3
MR2
MR1
MR0
VALID
VALID
VDD
CKE
BA
ODT
RTT
Tmin=10ns
tIS
tIS
tIS
tIS
Static LOW in case RTT_Nom is enabled at time Tg, otherwise static HIGH or LOW
Don't Care
TIME BREAK
NOTE 1. From time point “Td”until “Tk”NOP or DES commands must be applied between MRS and ZQCL commands.
COMMAND
 
 
 
 
4Gb Auto-AS4C256M16D3
Confidential
-9/83-
Rev.1.0
June 2015


Similar Part No. - AS4C256M16D3-12BAN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M16D3-12BCN ALSC-AS4C256M16D3-12BCN Datasheet
2Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3-12BIN ALSC-AS4C256M16D3-12BIN Datasheet
2Mb / 83P
   Bidirectional differential data strobe
More results

Similar Description - AS4C256M16D3-12BAN

ManufacturerPart #DatasheetDescription
logo
Micross Components
MYX4DDR364M16JT MICROSS-MYX4DDR364M16JT Datasheet
7Mb / 128P
   8n-bit prefetch architecture
logo
Micron Technology
MT41K512M4 MICRON-MT41K512M4 Datasheet
2Mb / 207P
   8n-bit prefetch architecture
logo
Micross Components
MYX4DDR3L128M16JT MICROSS-MYX4DDR3L128M16JT Datasheet
4Mb / 129P
   8n-bit prefetch architecture
logo
Alliance Semiconductor ...
AS4C256M16D3A-12BCN ALSC-AS4C256M16D3A-12BCN Datasheet
1Mb / 83P
   8n-bit prefetch architecture
logo
Micross Components
AS4DDR232M72APBG MICROSS-AS4DDR232M72APBG Datasheet
1Mb / 28P
   4-bit prefetch architecture
logo
Integrated Silicon Solu...
IS43DR32160C ISSI-IS43DR32160C Datasheet
1Mb / 44P
   4-bit prefetch architecture
logo
Winbond
W97AH6KB WINBOND-W97AH6KB Datasheet
2Mb / 127P
   Four-bit prefetch DDR architecture
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
logo
Integrated Silicon Solu...
IS43LD16320A ISSI-IS43LD16320A Datasheet
6Mb / 143P
   Four-bit Pre-fetch DDR Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com