Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C128M16D3L-12BCN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D3L-12BCN
Description  Fully synchronous operation
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D3L-12BCN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C128M16D3L-12BCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C128M16D3L-12BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C128M16D3L-12BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C128M16D3L-12BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C128M16D3L-12BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C128M16D3L-12BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M16D3L-12BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M16D3L-12BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M16D3L-12BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
2Gb DDR3L – AS4C128M16D3L
Confidential
2
Rev. 2.0
Aug. /2014
128M x 16 bit DDR3L Synchronous DRAM (SDRAM)
Confidential
Advanced (Rev. 2.0, Aug. /2014)
Features
 JEDEC Standard Compliant
 Power supplies: VDD & VDDQ = 1.35V
 Backward compatible to VDD & VDDQ = 1.5V ±0.075V
 Operating temperature:
- Commercial (0 ~ 95°C)
- Industrial (-40 ~ 95°C)
 Supports JEDEC clock jitter specification
 Fully synchronous operation
 Fast clock rate: 800MHz
 Differential Clock, CK & CK#
 Bidirectional differential data strobe
- DQS & DQS#
 8 internal banks for concurrent operation
 8n-bit prefetch architecture
 Internal pipeline architecture
 Precharge & active power down
 Programmable Mode & Extended Mode registers
 Additive Latency (AL): 0, CL-1, CL-2
 Programmable Burst lengths: 4, 8
 Burst type: Sequential / Interleave
 Output Driver Impedance Control
 8192 refresh cycles / 64ms
- Average refresh period
7.8μs @ -40℃ ≦TC≦ +85℃
3.9μs @ +85℃ <TC≦ +95℃
 Write Leveling
 OCD Calibration
 Dynamic ODT (Rtt_Nom & Rtt_WR)
 RoHS compliant
 Auto Refresh and Self Refresh
 96-ball 9 x 13 x 1.2mm FBGA package
- Pb and Halogen Free
Overview
The 2Gb Double-Data-Rate-3 (DDR3L) DRAMs is
double data rate architecture to achieve high-speed
operation. It is internally configured as an eight bank
DRAM.
The 2Gb chip is organized as 16Mbit x 16 I/Os x 8
bank devices. These synchronous devices achieve high
speed double-data-rate transfer rates of up to 1600
Mb/sec/pin for general applications.
The chip is designed to comply with all key DDR3L
DRAM key features and all of the control and address
inputs are synchronized with a pair of externally
supplied differential clocks. Inputs are latched at the
cross point of differential clocks (CK rising and CK#
falling). All I/Os are synchronized with differential DQS
pair in a source synchronous fashion.
These devices operate with a single 1.35V -0.067V
/+0.1V power supply and are available in BGA
packages.
Table 1. Speed Grade Information
Speed Grade
Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR3L-1600
800 MHz
11
13.75
13.75
Table 2. Ordering Information
Product part No
Org
Temperature
Package
AS4C128M16D3L-12BCN
128M x 16
Commercial (Extended)
0°C to 95°C
96-ball FBGA
AS4C128M16D3L-12BIN
128M x 16
Industrial
-40°C to 95°C (Extended)
96-ball FBGA


Similar Part No. - AS4C128M16D3L-12BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D3L-12BAN ALSC-AS4C128M16D3L-12BAN Datasheet
1Mb / 83P
   Supports JEDEC clock jitter specification
More results

Similar Description - AS4C128M16D3L-12BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com