Electronic Components Datasheet Search |
|
ISO7740QDWRQ1 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
ISO7740QDWRQ1 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 42 page 5 ISO7740-Q1, ISO7741-Q1, ISO7742-Q1 www.ti.com SLLSEU0A – NOVEMBER 2016 – REVISED MAY 2017 Product Folder Links: ISO7740-Q1 ISO7741-Q1 ISO7742-Q1 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak voltage values. (3) Maximum voltage must not exceed 6 V. 6 Specifications 6.1 Absolute Maximum Ratings See (1) MIN MAX UNIT VCC1, VCC2 Supply voltage(2) –0.5 6 V V Voltage at INx, OUTx, ENx –0.5 VCCX + 0.5 (3) V IO Output current –15 15 mA TJ Junction temperature 150 °C Tstg Storage temperature –65 150 °C (1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per AEC Q100-002(1) ±6000 V Charged-device model (CDM), per AEC Q100-011 ±1500 (1) VCCI = Input-side VCC; VCCO = Output-side VCC. 6.3 Recommended Operating Conditions MIN NOM MAX UNIT VCC1, VCC2 Supply voltage 2.25 5.5 V VCC(UVLO+) UVLO threshold when supply voltage is rising 2 2.25 V VCC(UVLO-) UVLO threshold when supply voltage is falling 1.7 1.8 V VHYS(UVLO) Supply voltage UVLO hysteresis 100 200 mV IOH High-level output current VCCO (1) = 5 V –4 mA VCCO = 3.3 V –2 VCCO = 2.5 V –1 IOL Low-level output current VCCO = 5 V 4 mA VCCO = 3.3 V 2 VCCO = 2.5 V 1 VIH High-level input voltage 0.7 × VCCI (1) VCCI V VIL Low-level input voltage 0 0.3 × VCCI V DR Data rate 0 100 Mbps TA Ambient temperature -40 25 125 °C |
Similar Part No. - ISO7740QDWRQ1 |
|
Similar Description - ISO7740QDWRQ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |