Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7731DW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7731DW
Description  High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7731DW Datasheet(HTML) 4 Page - Texas Instruments

  ISO7731DW Datasheet HTML 1Page - Texas Instruments ISO7731DW Datasheet HTML 2Page - Texas Instruments ISO7731DW Datasheet HTML 3Page - Texas Instruments ISO7731DW Datasheet HTML 4Page - Texas Instruments ISO7731DW Datasheet HTML 5Page - Texas Instruments ISO7731DW Datasheet HTML 6Page - Texas Instruments ISO7731DW Datasheet HTML 7Page - Texas Instruments ISO7731DW Datasheet HTML 8Page - Texas Instruments ISO7731DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
GND1
GND2
9
8
EN1
EN2
10
7
NC
NC
11
6
OUTC
INC
12
5
INB
OUTB
13
4
INA
OUTA
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
GND1
GND2
9
8
NC
EN2
10
7
NC
NC
11
6
INC
OUTC
12
5
INB
OUTB
13
4
INA
OUTA
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
4
ISO7730, ISO7731
SLLSES0D – SEPTEMBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
ISO7730 DW and DBQ Packages
16-Pin SOIC-WB and QSOP
Top View
ISO7731 DW and DBQ Packages
16-Pin SOIC-WB and QSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ISO7730
ISO7731
EN1
7
I
Output enable 1. Output pins on side 1 are enabled when EN1 is high or
open and in high-impedance state when EN1 is low.
EN2
10
10
I
Output enable 2. Output pins on side 2 are enabled when EN2 is high or
open and in high-impedance state when EN2 is low.
GND1
2, 8
2, 8
Ground connection for VCC1
GND2
9, 15
9, 15
Ground connection for VCC2
INA
3
3
I
Input, channel A
INB
4
4
I
Input, channel B
INC
5
12
I
Input, channel C
NC
6, 7, 11
6, 11
Not connected
OUTA
14
14
O
Output, channel A
OUTB
13
13
O
Output, channel B
OUTC
12
5
O
Output, channel C
VCC1
1
1
Power supply, VCC1
VCC2
16
16
Power supply, VCC2


Similar Part No. - ISO7731DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7731DW TI1-ISO7731DW Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7731DWR TI1-ISO7731DWR Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results

Similar Description - ISO7731DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1_18 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com