Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAM5718ABCXE Datasheet(PDF) 11 Page - Texas Instruments

Part # XAM5718ABCXE
Description  Sitara Processors Silicon Revision 2.0
Download  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XAM5718ABCXE Datasheet(HTML) 11 Page - Texas Instruments

Back Button XAM5718ABCXE Datasheet HTML 7Page - Texas Instruments XAM5718ABCXE Datasheet HTML 8Page - Texas Instruments XAM5718ABCXE Datasheet HTML 9Page - Texas Instruments XAM5718ABCXE Datasheet HTML 10Page - Texas Instruments XAM5718ABCXE Datasheet HTML 11Page - Texas Instruments XAM5718ABCXE Datasheet HTML 12Page - Texas Instruments XAM5718ABCXE Datasheet HTML 13Page - Texas Instruments XAM5718ABCXE Datasheet HTML 14Page - Texas Instruments XAM5718ABCXE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 396 page
background image
11
AM5718, AM5716
www.ti.com
SPRS957D – MARCH 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
NOTE
In some cases Table 4-2 may present more than one signal name per muxmode for the
same
ball.
First
signal
in
the
list
is
the
dominant
function
as
selected
via
CTRL_CORE_PAD_* register.
All other signals are virtual functions that present alternate multiplexing options. This virtual
functions
are
controlled
via
CTRL_CORE_ALT_SELECT_MUX
or
CTRL_CORE_VIP_MUX_SELECT register. For more information on how to use this options,
please refer to Device TRM, Chapter Control Module, Section Pad Configuration Registers.
4. PN: This column shows if the functionality is applicable for AM5716 device. Note that the Ball
Characteristics table presents a functionality of AM5718. If the cell is empty it means that the signal is
available in all devices.
- Yes - Functionality is presented in AM5716
- No - Functionality is not presented in AM5716
An empty box means Yes.
5. MUXMODE: Multiplexing mode number:
(a) MUXMODE 0 is the primary mode; this means that when MUXMODE=0 is set, the function
mapped on the pin corresponds to the name of the pin. The primary muxmode is not necessarily
the default muxmode.
NOTE
The default mode is the mode at the release of the reset; also see the RESET REL.
MUXMODE column.
(b) MUXMODE 1 through 15 are possible muxmodes for alternate functions. On each pin, some
muxmodes are effectively used for alternate functions, while some muxmodes are not used. Only
MUXMODE values which correspond to defined functions should be used.
6. TYPE: Signal type and direction:
I = Input
O = Output
IO = Input or Output
D = Open drain
DS = Differential Signaling
A = Analog
PWR = Power
GND = Ground
CAP = LDO Capacitor
7. BALL RESET STATE: The state of the terminal at power-on reset:
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated).
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated).
OFF: High-impedance
PD: High-impedance with an active pulldown resistor
PU: High-impedance with an active pullup resistor
8. BALL RESET REL. STATE: The state of the terminal at the deactivation of the rstoutn signal (also
mapped to the PRCM SYS_WARM_OUT_RST signal).
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated).
drive clk (OFF): The buffer drives a toggling clock (pulldown or pullup resistor not activated).
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated).
OFF: High-impedance
PD: High-impedance with an active pulldown resistor
PU: High-impedance with an active pullup resistor


Similar Part No. - XAM5718ABCXE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XAM5718ABCXE TI1-XAM5718ABCXE Datasheet
3Mb / 388P
[Old version datasheet]   AM571x Sitara??Processors Silicon Revision 2.0
XAM5718ABCXE TI1-XAM5718ABCXE Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
More results

Similar Description - XAM5718ABCXE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5718 TI1-AM5718_16 Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5729 TI1-AM5729 Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718-HIREL TI1-AM5718-HIREL Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718 TI1-AM5718 Datasheet
3Mb / 388P
[Old version datasheet]   AM571x Sitara??Processors Silicon Revision 2.0
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM6548 TI-AM6548_V02 Datasheet
6Mb / 282P
[Old version datasheet]   AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI1-AM6548_V03 Datasheet
6Mb / 282P
[Old version datasheet]   AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI-AM6548_V04 Datasheet
6Mb / 284P
[Old version datasheet]   AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com