Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5716 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  Sitara Processors Silicon Revision 2.0
Download  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5716 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 3Page - Texas Instruments AM5716 Datasheet HTML 4Page - Texas Instruments AM5716 Datasheet HTML 5Page - Texas Instruments AM5716 Datasheet HTML 6Page - Texas Instruments AM5716 Datasheet HTML 7Page - Texas Instruments AM5716 Datasheet HTML 8Page - Texas Instruments AM5716 Datasheet HTML 9Page - Texas Instruments AM5716 Datasheet HTML 10Page - Texas Instruments AM5716 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 396 page
background image
7
AM5718, AM5716
www.ti.com
SPRS957D – MARCH 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
FEATURES
DEVICE
AM5718
AM5716
System Mailbox Module
MAILBOX
13
13
Media Local Bus Subsystem
MLB
Not Supported (1)
Camera Adaptation Layer (CAL) Camera Serial
Interface 2 (CSI2)
CSI2_0
Yes
CSI2_1
Yes
Multichannel Audio Serial Port (McASP)
McASP1
16 serializers
McASP2
16 serializers
McASP3
4 serializers
McASP4
4 serializers
McASP5
4 serializers
McASP6
4 serializers
McASP7
4 serializers
McASP8
4 serializers
MultiMedia Card/Secure Digital/Secure Digital Input
Output Interface (MMC/SD/SDIO)
MMC1
1x UHSI 4b
MMC2
1x eMMC 8b
MMC3
1x SDIO 8b
MMC4
1x SDIO 4b
PCI Express 3.0 Port with Integrated PHY
PCIe_SS1
up to two lanes (second lane shared with
PCIe_SS2 and USB1)
PCIe_SS2
Single lane (shared with PCIe_SS1 and USB1)
2x Programmable Real-Time Unit Subsystem and
Industrial Communication Subsystem (PRU-ICSS)
PRU-ICSS1
Yes
PRU-ICSS2
Yes
Serial Advanced Technology Attachment (SATA)
SATA
Yes
Real-Time Clock Subsystem (RTCSS)(3)
RTCSS
Yes
Multichannel Serial Peripheral Interface (McSPI)
McSPI
4
HDQ1W
HDQ1W
Yes
Quad SPI (QSPI)
QSPI
Yes
Spinlock Module
SPINLOCK
Yes
Keyboard Controller (KBD)
KBD
Yes
Timers, General-Purpose
TIMERS GP
16
Timer, Watchdog
WD TIMER
Yes
Pulse-Width Modulation Subsystem (PWMSS)
PWMSS1
Yes
PWMSS2
Yes
PWMSS3
Yes
Universal Asynchronous Receiver/Transmitter
(UART)
UART
10
Universal Serial Bus (USB3.0)
USB1 (SuperSpeed, Dual-Role-
Device [DRD]
Yes
Universal Serial Bus (USB2.0)
USB2 (HighSpeed, Dual-Role-
Device [DRD], with embedded HS
PHY)
Yes
USB3 (Highspeed, OTG2.0, with
ULPI)
Not Supported (1)
USB4 (Highspeed, OTG2.0, with
ULPI)
Not Supported (1)


Similar Part No. - AM5716

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5716 TI1-AM5716 Datasheet
3Mb / 388P
[Old version datasheet]   AM571x Sitara??Processors Silicon Revision 2.0
AM5716 TI1-AM5716 Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5716 TI-AM5716 Datasheet
2Mb / 389P
[Old version datasheet]   AM571x SitaraTM Processors
AM5716AABCD TI1-AM5716AABCD Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5716AABCDA TI1-AM5716AABCDA Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
More results

Similar Description - AM5716

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5718 TI1-AM5718_16 Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5729 TI1-AM5729 Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718-HIREL TI1-AM5718-HIREL Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718 TI1-AM5718 Datasheet
3Mb / 388P
[Old version datasheet]   AM571x Sitara??Processors Silicon Revision 2.0
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM6548 TI-AM6548_V02 Datasheet
6Mb / 282P
[Old version datasheet]   AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI1-AM6548_V03 Datasheet
6Mb / 282P
[Old version datasheet]   AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI-AM6548_V04 Datasheet
6Mb / 284P
[Old version datasheet]   AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com