Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC32RF42 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF42
Description  Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF42 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC32RF42 Datasheet HTML 31Page - Texas Instruments ADC32RF42 Datasheet HTML 32Page - Texas Instruments ADC32RF42 Datasheet HTML 33Page - Texas Instruments ADC32RF42 Datasheet HTML 34Page - Texas Instruments ADC32RF42 Datasheet HTML 35Page - Texas Instruments ADC32RF42 Datasheet HTML 36Page - Texas Instruments ADC32RF42 Datasheet HTML 37Page - Texas Instruments ADC32RF42 Datasheet HTML 38Page - Texas Instruments ADC32RF42 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 127 page
background image
NCO
16
1.5 GSPS
f
38230
875.0153 MHz
2
u
u S
NCO
16
DDCxNCOy
f
f
2
35
ADC32RF42
www.ti.com
SBAS844 – MAY 2017
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Each ADC channel has two DDCs. The first DDC has three NCOs and the second DDC has one NCO. The first
DDC can dynamically select one of the three NCOs based on the GPIO pin or SPI selection. In wide-bandwidth
mode (lower decimation factors 4 and 6), there can only be one DDC for each ADC channel. The NCO
frequencies can be programmed independently through the DDCx, NCO[4:1], and the MSB and LSB register
settings.
Equation 3 provides the 16-bit register value that sets the NCO frequency setting:
where
x = 0, 1
y = 1 to 4
(3)
For example:
If fS = 1.5 GSPS, then the NCO register setting = 38230 (decimal).
Thus, Equation 4 defines fNCO:
(4)
Any register setting changes that occur after the JESD204B interface is operational results in a non-deterministic
NCO phase. If a deterministic phase is required, the JESD204B interface must be reinitialized after changing the
register setting.
In bypass mode (when decimation filters are not used), the NCOs are powered down in order to avoid creating
unwanted spurs.
9.3.5 NCO Switching
The first DDC (DDC0) on each ADC channel provides three different NCOs that can be used for phase-coherent
frequency hopping. This feature is available in both single-band and dual-band mode, but only affects DDC0.
The NCOs can be switched through an SPI control or by using the GPIO pins with the register configurations
shown in Table 4 for channel A (50xxh) and channel B (58xxh). The assignment of which GPIO pin to use for
INSEL0 and INSEL1 is done based on Table 5, using registers 5438h and 5C38h. The NCO selection is done
based on the logic selection on the GPIO pins; see Table 6 and Figure 66.
Table 4. NCO Register Configurations
REGISTER
ADDRESS
DESCRIPTION
NCO CONTROL THROUGH GPIO PINS
NCO SEL pin
500Fh, 580Fh
Selects the NCO control through the SPI (default) or a GPIO pin.
INSEL0, INSEL1
5438h, 5C38h
Selects which two GPIO pins are used to control the NCO.
NCO CONTROL THROUGH SPI CONTROL
NCO SEL pin
500Fh, 580Fh
Selects the NCO control through the SPI (default) or a GPIO pin.
NCO SEL
5010h, 5810h
Selects which NCO to use for DDC0.
Table 5. GPIO Pin Assignment
INSELx[1:0] (Where x = 0 or 1)
GPIO PIN SELECTED
00
GPIO4
01
GPIO1
10
GPIO3
11
GPIO2


Similar Part No. - ADC32RF42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMP TI1-ADC32RF44IRMP Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADC32RF44IRMPR TI1-ADC32RF44IRMPR Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results

Similar Description - ADC32RF42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADC32RF44 TI1-ADC32RF44_18 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com