Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN14090 Datasheet(PDF) 1 Page - Cree, Inc

Part # CN14090
Description  Lena series
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN14090 Datasheet(HTML) 1 Page - Cree, Inc

  CN14090 Datasheet HTML 1Page - Cree, Inc CN14090 Datasheet HTML 2Page - Cree, Inc CN14090 Datasheet HTML 3Page - Cree, Inc CN14090 Datasheet HTML 4Page - Cree, Inc CN14090 Datasheet HTML 5Page - Cree, Inc CN14090 Datasheet HTML 6Page - Cree, Inc CN14090 Datasheet HTML 7Page - Cree, Inc CN14090 Datasheet HTML 8Page - Cree, Inc CN14090 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PRODUCT DATASHEET
Lena series
last update 24/4/2014
DETAILS
Product Number
CN14090_LENA-M-DL
Family
Lena
Type
RefPack
Color
metal
Diameter
111 mm
Height
86 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
24/04/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO13
24 deg
Medium
81 %
3.100
-
VERO18
26 deg
Medium
81 %
3.040
-
V10 Gen7
sim: 22
Medium
sim: 81 % sim: 4.650 Bender Wirth: 434 Typ L1
V13 Gen7
sim: 24
Medium
sim: 82 % sim: 4.090 -
CLL03x/CLU03x
23 deg
Medium
78 %
3.400
Bender Wirth: 433 Typ L1
CLU700/701
16 deg
Medium
78 %
5.500
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
20 deg
Medium
78 %
4.300
Bender Wirth: 434 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 22 deg
Medium
80 %
3.700
Bender Wirth: 437 Typ L1
CXA/B 15xx
18 deg
Medium
78 %
5.100
Bender Wirth: 441 Typ L1
CXM-14
sim: 23
Medium
sim: 78 % sim: 3.400 Bender Wirth: 433 Typ L1
CXM-9
sim: 20
Medium
sim: 78 % sim: 4.300 Bender Wirth: 434 Typ L1
COB L-Type (LES 9)
19 deg
Medium
81 %
4.200
Bender Wirth: 438 Typ L1
COB J-Type
24 deg
Medium
80 %
3.300
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
21 deg
Medium
80 %
4.000
Bender Wirth: 438 Typ L1
Soleriq P9
19 deg
Medium
83 %
3.900
Bender Wirth: 461 Typ L1
Soleriq S13
23 deg
Medium
81 %
3.400
-
Soleriq S13
22 deg
Medium
78 %
4.000
Bender Wirth: 437 Typ L1
ZC12/18
sim: 23
Medium
sim: 78 % sim: 3.400 Bender Wirth: 433 Typ L1
ZC4/6
sim: 20
Medium
sim: 78 % sim: 4.300 Bender Wirth: 434 Typ L1
May 29th 2017 5:37 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CN14090

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN14091 CREE-CN14091 Datasheet
1Mb / 31P
   Lena series
CN14092 CREE-CN14092 Datasheet
1Mb / 31P
   Lena series
More results

Similar Description - CN14090

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13193 CREE-CN13193 Datasheet
380Kb / 5P
   Lena series
CN14088 CREE-CN14088 Datasheet
2Mb / 35P
   Lena series
CN12367 CREE-CN12367 Datasheet
424Kb / 5P
   Lena series
CN13191 CREE-CN13191 Datasheet
382Kb / 6P
   Lena series
CN13192 CREE-CN13192 Datasheet
379Kb / 6P
   Lena series
CN14085 CREE-CN14085 Datasheet
1Mb / 33P
   Lena series
CN12101 CREE-CN12101 Datasheet
94Kb / 2P
   Lena series
CN12166 CREE-CN12166 Datasheet
233Kb / 4P
   Lena series
CN12109 CREE-CN12109 Datasheet
222Kb / 4P
   Lena Series
CN13159 CREE-CN13159 Datasheet
463Kb / 5P
   Lena series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com