Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP3249 Datasheet(PDF) 14 Page - MagnaChip Semiconductor.

Part # MAP3249
Description  4-channel LED Driver for High Brightness LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3249 Datasheet(HTML) 14 Page - MagnaChip Semiconductor.

Back Button MAP3249 Datasheet HTML 10Page - MagnaChip Semiconductor. MAP3249 Datasheet HTML 11Page - MagnaChip Semiconductor. MAP3249 Datasheet HTML 12Page - MagnaChip Semiconductor. MAP3249 Datasheet HTML 13Page - MagnaChip Semiconductor. MAP3249 Datasheet HTML 14Page - MagnaChip Semiconductor. MAP3249 Datasheet HTML 15Page - MagnaChip Semiconductor. MAP3249 Datasheet HTML 16Page - MagnaChip Semiconductor. MAP3249 Datasheet HTML 17Page - MagnaChip Semiconductor. MAP3249 Datasheet HTML 18Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Confidential
Datasheet Version 1.2
Oct 8
th 2014
14
OPERATION TIMING CHART
A capacitor on the VLDO pin begins charing after EN is turned-on. Once the VIN voltage reaches about 7.5V(See
UVLO specification), the internal UVLO is released. The MAP3249 checks the initial open FB(s) and excludes
corresponding FB(s) from headroom control before internal PG signal is set up. The unused FB(s) must be
connected to GND. Internal controller starts boosting with first PWM input and performs soft-start. After soft-start is
end or during soft-start period, the output voltage is boosted up to regulation voltage(total forward voltage of LED
bar + FB Voltage) without touching OVP level and the controller performs headroom control.
The MAP3249 boosts the output voltage only in condition that VIN is applied and EN, PWM and ADIM is turned-on. And
there is no limitation with regard to turn-on sequence. But in case that VIN(input voltage of booster) is applied lastly after
EN, PWM and ADIM is turned-on, the start-up current is increased because the output voltage is boosted from 0V.
If the PWM signal remains logic low for over than 16.4ms(1/fsw * 8192) at 500kHz boost switching frequency during
normal operation, the controller regards it as dim-zero condition. Because of discharge of output capacitor through the
OVP sensing resistors during the dim-zero time, the output voltage getting declined. The MAP3249 performs soft-start as
soon as PWM signal rises to boost the output voltage rapidly.
The controller stops switching right after EN is turned-off.


Similar Part No. - MAP3249

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3242 MGCHIP-MAP3242 Datasheet
2Mb / 22P
   4-channel LED Driver for High Brightness LEDs
MAP3242SHRH MGCHIP-MAP3242SHRH Datasheet
2Mb / 22P
   4-channel LED Driver for High Brightness LEDs
MAP3242SIRH MGCHIP-MAP3242SIRH Datasheet
2Mb / 22P
   4-channel LED Driver for High Brightness LEDs
MAP3242TERH MGCHIP-MAP3242TERH Datasheet
2Mb / 22P
   4-channel LED Driver for High Brightness LEDs
More results

Similar Description - MAP3249

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3204 MGCHIP-MAP3204 Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
MAP3205 MGCHIP-MAP3205 Datasheet
892Kb / 13P
   4-channel LED Driver for High Brightness LEDs
MAP3242 MGCHIP-MAP3242 Datasheet
2Mb / 22P
   4-channel LED Driver for High Brightness LEDs
MAP3222 MGCHIP-MAP3222 Datasheet
1Mb / 15P
   Dual Channel High Brightness LED Driver
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Maxim Integrated Produc...
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com