Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP3222 Datasheet(PDF) 10 Page - MagnaChip Semiconductor.

Part # MAP3222
Description  Dual Channel High Brightness LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3222 Datasheet(HTML) 10 Page - MagnaChip Semiconductor.

Back Button MAP3222 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3222 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3222 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3222 Datasheet HTML 9Page - MagnaChip Semiconductor. MAP3222 Datasheet HTML 10Page - MagnaChip Semiconductor. MAP3222 Datasheet HTML 11Page - MagnaChip Semiconductor. MAP3222 Datasheet HTML 12Page - MagnaChip Semiconductor. MAP3222 Datasheet HTML 13Page - MagnaChip Semiconductor. MAP3222 Datasheet HTML 14Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Confidential
Datasheet Version 1.0
March 2011.
Page 10
Application Information
MAP3222 has an independent dual channel Boost type LED
driver. So, it can be controlled independently.
Current Mode Boost switching regulator
operation
MAP3222 is being used Current mode control scheme for
boost regulation so its response is fast and output voltage is
stable.
MAP3222 is designed to be operated in DCM so MAP3222
can be unstable when it operates in CCM and duty cycle is
50% or higher.
Supply voltage and Oscillator
MAP3222 has wide input voltage ranged from 8.5V to 20V.
1uF decoupling capacitor is used to stabilize the internal
regulator and minimize noise on VCC pin. This decoupling
capacitor should be placed next to VCC pin. Ceramic
capacitor is recommended and incorrect placement of this
decoupling capacitor may cause the oscillation in the
switching waveform
MAP3222 is being operated at fixed 200KHz and max duty is
90%.
LED Current Input setting (ADIM Input)
MAP3222’s LED current is set by the voltage on ADIM pin
and LED sense resistor value as below.
Fig 1. Schematic for LED current set
R
Sense
Current
LED
V
I
ADIM
LED
_
_
_
=
The voltage range on ADIM pin is 0.1V ~ 3.0V.
But it is recommended that ADIM Input voltage is higher than
0.4V.
Dimming PWM Input
MAP3222’s PDIMI signal is used for both Enable and PWM
dimming input. MAP3222 is enabled when PDIMI voltage is
higher than 2.0V and disabled when PDIMI voltage is lower
than 0.8V. This pin has internal 100Kohm pull down
resistance
PWM Input
Condition
High
Enable
Low
Disable
Protection
MAP3222 has Under Voltage Lock Out (UVLO), Boost
switch current limit, Output Over Voltage Protection (OVP),
LED Short Current Protection(SCP).
When OVP and LED SCP are happened, MAP3222
monitors if the failure condition is released or not every 1mS.
This is MAP3222’s Auto restart function.
1.
Under Voltage Lock Out (UVLO)
When VCC is higher than 8.2V, MAP3222’s internal 5V
regulator and internal circuitry like oscillator, protections,
Gate drivers and PDIMO drivers are enabled, and the
MAP3222 starts to operate when PDIMI voltage is higher
than 2.0V.
If VCC is lower than 7.2V, MAP3222 is disable due to its
Under voltage lock out.
Fig 2. Schematic for Under voltage Lock out
2.
Boost current limit and Current Sense (CS)
MAP3222 has the Boost current limit function. If the
voltage on CS pin is higher than 0.4V (Typ.), the gate pulse
is limited every pulse. MAP3222 has 100nS (Min.) leading
edge blank.


Similar Part No. - MAP3222

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
MAP3201SIH MGCHIP-MAP3201SIH Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
MAP3202 MGCHIP-MAP3202 Datasheet
1Mb / 15P
   High Efficiency Switch Mode LED Driver
MAP3202SIRH MGCHIP-MAP3202SIRH Datasheet
1Mb / 15P
   High Efficiency Switch Mode LED Driver
MAP3204 MGCHIP-MAP3204 Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
More results

Similar Description - MAP3222

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Maxim Integrated Produc...
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
logo
MagnaChip Semiconductor...
MAP3204 MGCHIP-MAP3204 Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com