Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F040-90PI Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EN29F040-90PI
Description  4 Megabit (512K x 8-bit) Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F040-90PI Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EN29F040-90PI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F040-90PI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F040-90PI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F040-90PI Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F040-90PI Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F040-90PI Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F040-90PI Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F040-90PI Datasheet HTML 14Page - List of Unclassifed Manufacturers EN29F040-90PI Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
11
EN29F040
Rev. D, Issue Date: 2001/07/05
WRITE OPERATION STATUS
DQ7
DATA
Polling
The EN29F040 provides DATA Polling on DQ7 to indicate to the host system the status of the
embedded operations. The DATA Polling feature is active during the Byte Programming, Sector
Erase, Chip Erase, and Erase Suspend. (See Table 6)
When the Byte Programming is in progress, an attempt to read the device will produce the
complement of the data last written to DQ7. Upon the completion of the Byte Programming, an
attempt to read the device will produce the true data last written to DQ7. For the Byte Programming,
DATA polling is valid after the rising edge of the fourth WE or CE pulse in the four-cycle sequence.
When the embedded Erase is in progress, an attempt to read the device will produce a “0” at the
DQ7 output. Upon the completion of the embedded Erase, the device will produce the “1” at the DQ7
output during the read. For Chip Erase, the DATA polling is valid after the rising edge of the sixth
WE or CE pulse in the six-cycle sequence. For Sector Erase, DATA polling is valid after the last
rising edge of the sector erase WE or CE pulse.
DATA Polling must be performed at any address within a sector that is being programmed or erased
and not a protected sector. Otherwise, DATA polling may give an inaccurate result if the address
used is in a protected sector.
Just prior to the completion of the embedded operations, DQ7 may change asynchronously when the
output enable ( OE ) is low. This means that the device is driving status information on DQ7 at one
instant of time and valid data at the next instant of time. Depending on when the system samples the
DQ7 output, it may read the status of valid data. Even if the device has completed the embedded
operations and DQ7 has a valid data, the data output on DQ0-DQ6 may be still invalid. The valid
data on DQ0-DQ7 will be read on the subsequent read attempts.
The flowchart for DATA Polling (DQ7) is shown on Flowchart 5. The DATA Polling (DQ7) timing
diagram is shown in Figure 8.
DQ6
Toggle Bit I
The EN29F040 provides a “Toggle Bit” on DQ6 to indicate to the host system the status of the
embedded programming and erase operations. (See Table 6)
During an embedded Program or Erase operation, successive attempts to read data from the device
at any address (by toggling OE or CE ) will result in DQ6 toggling between “zero” and “one”. Once
the embedded Program or Erase operation is complete, DQ6 will stop toggling and valid data will be
read on the next successive attempts. During Byte Programming, the Toggle Bit is valid after the
rising edge of the fourth WE pulse in the four-cycle sequence. For Chip Erase, the Toggle Bit is valid
after the rising edge of the sixth-cycle sequence. For Sector Erase, the Toggle Bit is valid after the
last rising edge of the Sector Erase WE pulse. The Toggle Bit is also active during the sector erase
time-out window.


Similar Part No. - EN29F040-90PI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JC EON-EN29F040A-45JC Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JCP EON-EN29F040A-45JCP Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JI EON-EN29F040A-45JI Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JIP EON-EN29F040A-45JIP Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
More results

Similar Description - EN29F040-90PI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com