Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1003 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1003
Description  Integrated Circuit FM/AM IF Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1003 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1003 Datasheet HTML 1Page - NTE Electronics NTE1003 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1003
Integrated Circuit
FM/AM IF Amplifier
Description:
The NTE1003 monolithic integrated circuit is a high grade FM/AM intermediate frequency amplifier
in a 14–Lead DIP type package composed of four individual amplifiers and a voltage regulator.
Features:
D Composed of Four Individual Amplifiers
D Low Power Consumption
D High Gain
D Superior AGC Characteristics
Absolute Maximum Ratings: (TA = +25°C unles otherwise specified)
Maximum Supply Voltage (Pin14), VCCmax
10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Supply Voltage (Pin8, Pin13), V8, V13
10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unles otherwise specified)
Recommended Supply Voltage, VCC
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 5V unles otherwise specified)
AM (455kHz)
FM (10.7MHz)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Min
Typ
Max Unit
Quiescent Current
ICCO
2.4
4.2
6.3
4.5
6.8
9.0
mA
AM Detected Output
VO
Input 60dB
70
115
160
mV
Total Harmonic Distortion
THD
Input 60dB
0.8
2.0
%
Distortion factor at Large Signal
KF2
Input 80dB
1.8
3.0
%
Current Drain of Differential Amplifier
I13
Pin13
0.75
1.0
1.35
mA
Regulated Output Voltage
V2
Pin2
2.7
3.0
3.3
2.7
3.0
3.3
V
Total Gain
VG
AM: 20dB, FM: 50dB
70
87
82
98
dB


Similar Part No. - NTE1003

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE100 NTE-NTE100 Datasheet
25Kb / 3P
   Germanium Complementary Transistors Oscillator, Mixer for AM Radio, Medium Speed Switch
NTE1002 NTE-NTE1002 Datasheet
19Kb / 2P
   Integrated Circuit FM IF TV Amp
NTE1005 NTE-NTE1005 Datasheet
18Kb / 2P
   Integrated Circuit FM Stereo Demodulator
NTE1006 NTE-NTE1006 Datasheet
19Kb / 2P
   Integrated Circuit FM Multiplex Stereo Demodulator
NTE1009 NTE-NTE1009 Datasheet
18Kb / 2P
   Integrated Circuit AF Power Amplifier, 1W
More results

Similar Description - NTE1003

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1301 NTE-NTE1301 Datasheet
21Kb / 2P
   Integrated Circuit AM/FM IF
logo
Panasonic Semiconductor
AN7236 PANASONIC-AN7236 Datasheet
129Kb / 2P
   AM-FM IF AMPLIFIER CIRCUIT
AN7273 PANASONIC-AN7273 Datasheet
81Kb / 5P
   AM Tuner, FM/AM IF Amplifier Circuit
AN7218 PANASONIC-AN7218 Datasheet
328Kb / 4P
   AM Tuner, FM-AM IF Amplifier Circuit
logo
NTE Electronics
NTE1054 NTE-NTE1054 Datasheet
19Kb / 2P
   Integrated Circuit FM/AM IF Amp
NTE1842 NTE-NTE1842 Datasheet
26Kb / 3P
   Integrated Circuit FM/AM IF System
NTE1557 NTE-NTE1557 Datasheet
21Kb / 3P
   Integrated Circuit FM/AM IF System
NTE1242 NTE-NTE1242 Datasheet
21Kb / 2P
   Integrated Circuit FM/AM IF Amp, AM Converter
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
   AM Tuner, FM-AM IF Amplifier
logo
NTE Electronics
NTE1041 NTE-NTE1041 Datasheet
16Kb / 2P
   Integrated Circuit FM IF Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com