Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-280E Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # HSMS-280E
Description  Surface Mount RF Schottky Barrier Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-280E Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button HSMS-280E Datasheet HTML 2Page - Broadcom Corporation. HSMS-280E Datasheet HTML 3Page - Broadcom Corporation. HSMS-280E Datasheet HTML 4Page - Broadcom Corporation. HSMS-280E Datasheet HTML 5Page - Broadcom Corporation. HSMS-280E Datasheet HTML 6Page - Broadcom Corporation. HSMS-280E Datasheet HTML 7Page - Broadcom Corporation. HSMS-280E Datasheet HTML 8Page - Broadcom Corporation. HSMS-280E Datasheet HTML 9Page - Broadcom Corporation. HSMS-280E Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Figure 8. Surface Mount Assembly Profile.
25
Time
Tp
T L
tp
t
L
t 25
° C to Peak
Ramp-up
ts
Ts min
Ramp-down
Preheat
Critical Zone
T
L to Tp
Ts max
Lead-Free Reflow Profile Recommendation (IPC/JEDEC J-STD-020C)
Reflow Parameter
Lead-Free Assembly
Average ramp-up rate (Liquidus Temperature (TS(max) to Peak)
3°C/ second max
Preheat
Temperature Min (TS(min))
150°C
Temperature Max (TS(max))
200°C
Time (min to max) (tS)
60-180 seconds
Ts(max) to TL Ramp-up Rate
3°C/second max
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (TP)
260 +0/-5°C
Time within 5 °C of actual Peak temperature (tP)
20-40 seconds
Ramp-down Rate
6°C/second max
Time 25 °C to Peak Temperature
8 minutes max
Note 1: All temperatures refer to topside of the package, measured on the package body surface
SMT Assembly
Reliable assembly of surface mount components is a
complex process that involves many material, process, and
equipment factors, including: method of heating (e.g., IR
or vapor phase reflow, wave soldering, etc.) circuit board
material, conductor thickness and pattern, type of solder
alloy, and the thermal conductivity and thermal mass of
components. Components with a low mass, such as the
SOT package, will reach solder reflow temperatures faster
than those with a greater mass.
Avago’s SOT diodes have been qualified to the time-
temperature profile shown in Figure 8. This profile is
representative of an IR reflow type of surface mount as-
sembly process.
After ramping up from room temperature, the circuit
board with components attached to it (held in place
with solder paste) passes through one or more preheat
zones. The preheat zones increase the temperature of the
board and components to prevent thermal shock and
begin evaporating solvents from the solder paste. The
reflow zone briefly elevates the temperature sufficiently
to produce a reflow of the solder.
The rates of change of temperature for the ramp-up and
cool-down zones are chosen to be low enough to not
cause deformation of the board or damage to compo-
nents due to thermal shock. The maximum temperature
in the reflow zone (TMAX) should not exceed 260°C.
These parameters are typical for a surface mount assem-
bly process for Avago diodes. As a general guideline, the
circuit board and components should be exposed only
to the minimum temperatures and times necessary to
achieve a uniform reflow of solder.


Similar Part No. - HSMS-280E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-280E HP-HSMS-280E Datasheet
139Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-280E AVAGO-HSMS-280E Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes High Breakdown Voltage
HSMS-280E AVAGO-HSMS-280E Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280E AVAGO-HSMS-280E Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280E AVAGO-HSMS-280E Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-280E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com