Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSCH-5310 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part No. HSCH-5310
Description  Beam Lead Schottky Diodes for Mixers and Detectors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSCH-5310 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HSCH-5310 Datasheet HTML 1Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 2Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 3Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 4Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 5Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 6Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
• Platinum tri-metal system
High temperature stability
• Silicon nitride passivation
Stable, reliable performance
• Low noise figure
Guaranteed 7.5 dB at 26 GHz
• High uniformity
Tightly controlled process insures uniform RF
characteristics
• Rugged construction
4 grams minimum lead pull
• Low capacitance
0.10 pF max. at 0 V
• Polyimide scratch protection
Description
These beam lead diodes are constructed using a metal-
semiconductor Schottky barrier junction. Advanced
epitaxial techniques and precise process control insure
uniformity and repeatability of this planar passivated
microwave semiconductor. A nitride passivation layer
provides immunity from contaminants which could
otherwise lead to I
R drift.
The Avago beam lead process allows for large beam
anchor pads for rugged construction (typical 6 gram
pull strength) without degrading capacitance.
Applications
The beam lead diode is ideally suited for use in stripline
or microstrip circuits. Its small physical size and
uniformdimensionsgiveitlowparasiticsandrepeatable
RF characteristics through K-band.
The basic medium barrier devices in this family are DC
tested HSCH-5310 and -5312. Equivalent low barrier
devices are HSCH-5330 and -5332. Batch matched
versions are available as HSCH-5331.
The HSCH-5340 is selected for applications requiring
guaranteed RF-tested performance up to 26 GHz. The
HSCH-5314 is rated at 7.2 dB maximum noise figure at
16 GHz.
Assembly Techniques
Thermocompression bonding is recommended. Welding
or conductive epoxy may also be used. For additional
information, see Application Note 979, The Handling
and Bonding of Beam Lead Devices Made Easy, or
Application Note 993, Beam Lead Device Bonding to
Soft Substances.
Outline 07
HSCH-53xx Series
Beam Lead Schottky Diodes for Mixers and Detectors
(1-26 GHz)
Data Sheet
CATHODE
GOLD LEADS
DIMENSIONS IN
µm (1/1000 inch)
135 (5)
90 (3)
130 (5)
100 (4)
135 (5)
90 (3)
225 (9)
170 (7)
310 (12)
250 (10)
225 (9)
200 (8)
30 MIN (1)
SILICON
GLASS
710 (28)
670 (26)
60 (2)
40 (1)
8 Min. (.3)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn