Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSCH-5310 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part No. HSCH-5310
Description  Beam Lead Schottky Diodes for Mixers and Detectors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSCH-5310 Datasheet(HTML) 6 Page - Broadcom Corporation.

  HSCH-5310 Datasheet HTML 1Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 2Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 3Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 4Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 5Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 6Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HSCH-5340
External Bias
Other HSCH-53xx
External Bias
20
µA DC Bias
50
µA DC Bias
150
µA DC Bias
Part Numbers
R
j (Ω)Cj (pF)
R
j (Ω)Cj (pF)
R
j (Ω)Cj (pF)
HSCH-5340
1300
0.09
560
0.09
187
0.10
20
µADC Bias
50
µADC Bias
150
µADC Bias
Part Numbers
R
S (Ω)Rj (Ω)Cj (pF)
R
S (Ω)Rj (Ω)Cj (pF)
R
S (Ω)Rj (Ω)Cj (pF)
HSCH-5314
2.8
1300
0.11
4.7
520
0.12
2.7
180
0.13
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Pte. All rights reserved. Obsoletes AV01-0127EN
AV01-0484EN September 21, 2006
0.03 pF
0.04 nH
11
0.1 nH
0.11 pF
Rj
Cj
0.02 pF
Rs
Rj
0.1 nH
Cj


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn