Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSCH-5310 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part No. HSCH-5310
Description  Beam Lead Schottky Diodes for Mixers and Detectors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSCH-5310 Datasheet(HTML) 5 Page - Broadcom Corporation.

  HSCH-5310 Datasheet HTML 1Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 2Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 3Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 4Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 5Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 6Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 7. Typical admittance characteristics with external bias.
HSCH-5314.
Models for Each Beam Lead Schottky Diode
HSCH-5340
1 mA Self Bias
Figure 6. Typical admittance characteristics with self bias.
HSCH-5314.
2.0
1.0
0.5
1.0
2.0
3.0
5.0
10.0
0.2
0.2
0.5
3.0
5.0
10.0
2
10
18 GHz
1.5 mA
3 mA
1 mA
2.0
1.0
0.5
1.0
2.0
3.0
5.0
10.0
0.2
0.2
0.5
3.0
5.0
10.0
2
18 GHz
150
µA
50
µA
20
µA
10
0.03 pF
0.04 nH
11
0.1 nH
267
0.11 pF
Other HSCH-53xx
Self Bias
0.02 pF
Rs
Rj
0.1 nH
Cj
1.0 mA Self Bias
1.5 mA Self Bias
3.0 mA Self Bias
Part Numbers
R
S (Ω)Rj (Ω)Cj (pF)
R
S (Ω)Rj (Ω)Cj (pF)
R
S (Ω)Rj (Ω)Cj (pF)
HSCH-5314
5.0
393
0.11
5.2
232
0.11
5.0
150
0.12


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn