Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSCH-5310 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part No. HSCH-5310
Description  Beam Lead Schottky Diodes for Mixers and Detectors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSCH-5310 Datasheet(HTML) 4 Page - Broadcom Corporation.

  HSCH-5310 Datasheet HTML 1Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 2Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 3Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 4Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 5Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 6Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Parameters
Figure 1. Typical forward characteristics for
medium barrier beam lead diodes. HSCH-5310
series.
Figure 2. Typical forward characteristics for
low barrier beam lead diodes. HSCH-5330,
-5340 series.
Figure 5. Typical admittance characteristics with external bias.
HSCH-5340.
Figure 3. Typical noise figure vs. frequency.
Figure 4. Typical admittance characteristics with 1 mA self bias.
HSCH-5340.
0
0.01
FORWARD VOLTAGE (V)
100
1
10
0.6
0.8
1.0
0.1
0.4
0.2
+125
°C
+25
°C
–55
°C
0
0.01
FORWARD VOLTAGE (V)
100
1
10
0.6
0.8
0.1
0.4
0.2
+125
°C
+25
°C
–55
°C
0
5.0
FREQUENCY (GHz)
7.5
6.5
6.0
7.0
16
20
24
28
5.5
12
4
2
9.375
26
8
0.25 pF
0.15 pF
0.1 pF
2.0
1.0
2
10
18
0.5
1.0
2.0
3.0
5.0
10.0
0.2
0.2
0.5
3.0
5.0
10.0
26 GHz
2.0
1.0
0.5
1.0
2.0
3.0
5.0
10.0
0.2
0.2
0.5
3.0
5.0
10.0
2
10
20
26 GHz
150
µA
50
µA
20
µA


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn