Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSCH-5310 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part No. HSCH-5310
Description  Beam Lead Schottky Diodes for Mixers and Detectors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOARDCOM [Broadcom Corporation.]
Homepage  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSCH-5310 Datasheet(HTML) 3 Page - Broadcom Corporation.

  HSCH-5310 Datasheet HTML 1Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 2Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 3Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 4Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 5Page - Broadcom Corporation. HSCH-5310 Datasheet HTML 6Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Minimum
Maximum
Maximum
Maximum
Maximum
Part
Batch*
Breakdown
Dynamic
Total
Forward
Leakage
Number
Matched
Voltage
Resistance
Capacitance
Voltage
Current
HSCH-
HSCH-
Barrier
V
BR (V)
R
D (Ω
Ω)C
T (pF)
V
F (mV)
I
R (nA)
5312
Medium
4
16
0.15
500
100
5310
20
0.10
5332
Low
4
16
0.15
375
400
5330
5331
20
0.10
Test
∆V
F ≤ 15 mV
I
R ≤ 10 µAIF = 5 mA
V
R = 0 V
I
F = 1 mA
V
R = 1 V
Conditions
@ 5 mA
f = 1 MHz
*Minimum batch size 20 units.
Table IB. Electrical Specifications for DC Tested Diodes at T
A = 25°C
SPICE Parameters
HSCH-5312
HSCH-5330
Parameter
Units
HSCH-5314
HSCH-5310
HSCH-5340
HSCH-5332
B
V
V
555
5
C
JO
pF
0.13
0.09
0.09
0.13
E
G
eV
0.69
0.69
0.69
0.69
I
BV
A
10E-5
10E-5
10E-5
10E-5
I
S
A3 x 10E-10
3 x 10E-10
4 x 10E-8
4 x 10E-8
N
1.08
1.08
1.08
1.08
R
S
913
13
9
P
B
V
0.65
0.65
0.5
0.5
P
T
222
2
M0.5
0.5
0.5
0.5
Typical Detector Characteristics at T
A = 25°C
Medium Barrier and Low Barrier (DC Bias)
Parameter
Symbol
Typical Value
Units
Test Conditions
Tangential Sensitivity
TSS
–54
dBm
20
µA Bias, R
L = 100 kΩ
Video Bandwidth = 2 MHz
Voltage Sensitivity
γ
6.6
mV/
µWf = 10 GHz
Video Resistance
R
V
1400
Low Barrier (Zero Bias)
Parameter
Symbol
Typical Value
Units
Test Conditions
Tangential Sensitivity
TSS
–44
dBm
Zero Bias, R
L = 10 MΩ
Video Bandwidth = 2 MHz
Voltage Sensitivity
γ
10
mV/
µWf = 10 GHz
Video Resistance
R
V
1.8
M


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn