Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6201P282LR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6201P282LR
Description  Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P282LR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6201P282LR Datasheet HTML 7Page - Torex Semiconductor XC6201P282LR Datasheet HTML 8Page - Torex Semiconductor XC6201P282LR Datasheet HTML 9Page - Torex Semiconductor XC6201P282LR Datasheet HTML 10Page - Torex Semiconductor XC6201P282LR Datasheet HTML 11Page - Torex Semiconductor XC6201P282LR Datasheet HTML 12Page - Torex Semiconductor XC6201P282LR Datasheet HTML 13Page - Torex Semiconductor XC6201P282LR Datasheet HTML 14Page - Torex Semiconductor XC6201P282LR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
XC6201
Series
195
3
■Directions for use
■Test Circuits
GNotes on Use
1. Please use this IC within the stipulated absolute maximum ratings as the IC is liable to malfunction outside of such parameters. When the
voltage on VOUT is larger than that of VIN, for example, when there are two power supply, please insert schottky diode between VOUT and VIN
not to exceed the rating of VOUT.
2. There is a possibility that oscillation may occur as a result of the impedance present between the power supply and the IC's input. Where
impedance is 10
Ω or more, please use a capacitor (CIN) of at least 1µF.
With a large output current, operations can be stabilised by increasing capacitor size (CIN). If CIN is small and capacitor size (CL) is
increased, there is a possibility of oscillation due to input impedance.
In such cases, operations can be stabilised by either increasing the size of CIN or decreasing the size of CL.
3. Please ensure that output current (IOUT) is less than Pd
÷ (VIN - VOUT) and does not exceed the stipulated Continuous Total Power Dissipation
value (Pd) for the package.
A
VIN
VOUT
VSS
Open
VIN
VOUT
VSS
1
µF
1
µF
V
Measuring Circuit 1 : Supply Current
Measuring Circuit 2 : Output Voltage, Oscillation Check, Line Regulation, Dropout Voltage, Load Regulation
03S_01XC6201 02.9.12 2:35 PM ページ 195


Similar Part No. - XC6201P282LR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P201MR TOREX-XC6201P201MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P201MR-G TOREX-XC6201P201MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P201PR TOREX-XC6201P201PR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P201PR-G TOREX-XC6201P201PR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P201TH TOREX-XC6201P201TH Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P282LR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com