Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7685N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7685N
Description  PC Power Supply Output Monitoring IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7685N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7685N Datasheet HTML 1Page - Fairchild Semiconductor FAN7685N Datasheet HTML 2Page - Fairchild Semiconductor FAN7685N Datasheet HTML 3Page - Fairchild Semiconductor FAN7685N Datasheet HTML 4Page - Fairchild Semiconductor FAN7685N Datasheet HTML 5Page - Fairchild Semiconductor FAN7685N Datasheet HTML 6Page - Fairchild Semiconductor FAN7685N Datasheet HTML 7Page - Fairchild Semiconductor FAN7685N Datasheet HTML 8Page - Fairchild Semiconductor FAN7685N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FAN7685/FAN7686/FAN7687
4
Absolute Maximum Ratings
*Note : Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device.
Recommended Operating Conditions
Note
1. VCC slew rate must be less than 14V/ms.
Parameter
Symbol
Value
Unit
Supply Voltage
VCC, VCC12
16
V
Input Voltage
VPSON, VS5, VS33, VPGI,
IS5, IS33
8
V
VS12, IS12, ISVCC12
16
Output Voltage
VPGO
8
V
VFPO
16
Operating Temperature
Topr
-40 ~ 125
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Power Dissipation
PD
1W
Characteristic
Min.
Typ.
Max.
Unit
Supply Voltage
VCC, VCC12
4
15
V
Input Voltage
VPSON , VS5, VS33, VPGI, IS5,
IS33
--
7
V
VS12, IS12, ISVCC12
-
-
15
Output Voltage
VPGO
--
7
V
VFPO
--
15
V
Output Sink Current
IFPO
--
30
mA
IPGO
--
10
mA
Supply Voltage Rising Time, See Note1
tr
1
ms
Output Current for RI
IO(RI)
12.5
-
62.5
uA


Similar Part No. - FAN7685N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680M FAIRCHILD-FAN7680M Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680N FAIRCHILD-FAN7680N Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
ON Semiconductor
FAN7688 ONSEMI-FAN7688 Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
FAN7688SJX ONSEMI-FAN7688SJX Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
More results

Similar Description - FAN7685N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
   5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
Allegro MicroSystems
ACS37800 ALLEGRO-ACS37800 Datasheet
3Mb / 41P
   Isolated, Digital Output, Power Monitoring IC
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
logo
Nippon Precision Circui...
SM8172A NPC-SM8172A Datasheet
204Kb / 17P
   2-output Power Supply IC
logo
Seiko Instruments Inc
S-1740A10-M5T1U4 SII-S-1740A10-M5T1U4 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com