Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRBV55CL-0138-0174 Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

Part # CRBV55CL-0138-0174
Description  Harmonic Suppression (2nd Harmonic)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CRBV55CL-0138-0174 Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CRBV55CL-0138-0174 Datasheet HTML 1Page - CRYSTEK CORPORATION CRBV55CL-0138-0174 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Box
ed
R
Product Control:
Crystek Part Number:
Revision Level:
Release Date:
Responsible:
B
C. Vales
20-Jan-2015
CRBV55CL-0138-0174
Specification is subject to change without notice
Tuning Curve (Typical)
Phase Noise (1 Hz BW, Typical)
Page 2 of 2


Similar Part No. - CRBV55CL-0138-0174

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBV55CL-0120-0130 CRYSTEKMICROWAVE-CRBV55CL-0120-0130 Datasheet
58Kb / 2P
   VCO (voltage controlled oscillator)
CRBV55CL-0150-0200 CRYSTEKMICROWAVE-CRBV55CL-0150-0200 Datasheet
59Kb / 2P
   VCO (voltage controlled oscillator)
CRBV55CL-0180-0200 CRYSTEKMICROWAVE-CRBV55CL-0180-0200 Datasheet
59Kb / 2P
   VCO (voltage controlled oscillator)
CRBV55CL-0184-0190 CRYSTEKMICROWAVE-CRBV55CL-0184-0190 Datasheet
58Kb / 2P
   VCO (voltage controlled oscillator)
More results

Similar Description - CRBV55CL-0138-0174

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBV55CL-0418-0436 CRYSTEKMICROWAVE-CRBV55CL-0418-0436 Datasheet
197Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0457-0468 CRYSTEKMICROWAVE-CRBV55CL-0457-0468 Datasheet
47Kb / 1P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0403-0421 CRYSTEKMICROWAVE-CRBV55CL-0403-0421 Datasheet
162Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0373-0391 CRYSTEKMICROWAVE-CRBV55CL-0373-0391 Datasheet
191Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0412-0423 CRYSTEKMICROWAVE-CRBV55CL-0412-0423 Datasheet
47Kb / 1P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0220-0256 CRYSTEKMICROWAVE-CRBV55CL-0220-0256 Datasheet
162Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55CL-0389-0407 CRYSTEKMICROWAVE-CRBV55CL-0389-0407 Datasheet
162Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CVCO55CC-0777-0880 CRYSTEKMICROWAVE-CVCO55CC-0777-0880 Datasheet
170Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55BE-1874-2074 CRYSTEKMICROWAVE-CRBV55BE-1874-2074 Datasheet
274Kb / 2P
   Harmonic Suppression (2nd Harmonic)
CRBV55BE-2710-3120 CRYSTEKMICROWAVE-CRBV55BE-2710-3120 Datasheet
280Kb / 2P
   Harmonic Suppression (2nd Harmonic)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com