Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9240 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9240
Description  Digital PWM System Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD9240 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD9240 Datasheet HTML 2Page - Texas Instruments UCD9240 Datasheet HTML 3Page - Texas Instruments UCD9240 Datasheet HTML 4Page - Texas Instruments UCD9240 Datasheet HTML 5Page - Texas Instruments UCD9240 Datasheet HTML 6Page - Texas Instruments UCD9240 Datasheet HTML 7Page - Texas Instruments UCD9240 Datasheet HTML 8Page - Texas Instruments UCD9240 Datasheet HTML 9Page - Texas Instruments UCD9240 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
HARDWARE FAULT DETECTION LATENCY
PMBUS/SMBUS/I
2C
I
2C/SMBus/PMBus Timing Characteristics
UCD9240
SLUS766C – JULY 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
The controller contains hardware fault detection circuits that are independent of the ADC monitoring sequencer.
PARAMETER
TEST CONDITIONS
MAX TIME
UNIT
15 + 3 ×
Time to disable DPWM output base on active FAULT
tFAULT
High level on FAULT pin
µs
pin signal
NumPhases
Time to disable the DPWM A output based on internal
Step change in CS voltage from 0v to
Switch
tCLF-A
4
analog comparator
2.5V
Cycles
Time to disable all remaining DPWM and SRE outputs
10 + 3 ×
Step change in CS voltage from 0V to
tCLF-B
configured to drive a voltage rail after a CLF-A event
µs
2.5V
NumPhases
occurs
The timing characteristics and timing diagram for the communications interface that supports I2C, SMBus and
PMBus are shown below.
TA = –40°C to 85°C, 3V < VDD < 3.6V, typical values at TA = 25°C and VCC = 2.5 V (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSMB
SMBus/PMBus operating frequency
Slave mode; SMBC 50% duty cycle
10
1000
kHz
fI2C
I C operating frequency
Slave mode; SCL 50% duty cycle
10
1000
kHz
t(BUF)
Bus free time between start and stop
4.7
µs
t(HD:STA)
Hold time after (repeated) start
0.26
µs
t(SU:STA)
Repeated start setup timed
0.26
µs
t(SU:STO)
Stop setup time
0.26
µs
t(HD:DAT)
Data hold time
Receive mode
0
ns
t(SU:DAT)
Data setup time
50
ns
t(TIMEOUT)
Error signal/detect
See (1)
35
µs
t(LOW)
Clock low period
0.5
µs
t(HIGH)
Clock high period
See (2)
0.26
50
µs
t(LOW:SEXT)
Cumulative clock low slave extend time
See (3)
25
µs
tFALL
Clock/data fall time
See (4)
120
ns
tRISE
Clock/data rise time
See (5)
120
ns
(1)
The UCD9240 times out when any clock low exceeds t(TIMEOUT).
(2)
t(HIGH), max, is the minimum bus idle time. SMBC = SMBD = 1 for t > 50 ms causes reset of any transaction involving UCD9240 that is
in progress. This specification is valid when the NC_SMB control bit remains in the default cleared state (CLK[0]=0).
(3)
t(LOW:SEXT) is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
(4)
Rise time tRISE = VVILMAX – 0.15) to (VVIHMIN + 0.15)
(5)
Fall time tFALL = 0.9 VDD to (VILMAX – 0.15)
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCD9240


Similar Part No. - UCD9240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240 TI-UCD9240 Datasheet
565Kb / 21P
[Old version datasheet]   UCD9240 Digital Point of Load System Controller
UCD9240 TI-UCD9240 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240PFC TI-UCD9240PFC Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com