Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXS-3225-04-05 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AXS-3225-04-05
Description  Clam shell design for easy open and close
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AXS-3225-04-05 Datasheet(HTML) 1 Page - Abracon Corporation

  AXS-3225-04-05 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CRYSTAL/CRYSTAL OSCILLATOR SOCKET
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
AXS-3225-04-05
| | | | | | | | | | | | | | |
APPLICATIONS:
FEATURES:
APPLICATIONS:
APPLICATIONS:
END VIEW:
SIDE VIEW (OPEN):
POCKET TOP VIEW:
PIN DIMENSIONS:
Precision test socket for 3.2X2.5mm,
4 pad crystal oscillator packages.
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
SUITABLE CRYSTAL OSCILLATOR
PACKAGE DIMENSIONS:
COMPATIBLE ABRACON SURFACE MOUNT CRYSTAL OSCILLATOR:
ORDERING INFORMATION:
When ordering, please refer to part number
AXS-3225-04-05
Pb RoHS
Compliant
Dimensions: mm
RECOMMENED FOR USE WITH DEVICE PACKAGE DIMENSIONS:
3.2 x 2.5 x 1.2mm
• Design stage component engineering evaluation
• Supplier comparison tests
• High temperature burn-in board testing
• Prototyping
• Accurate and reliable testing of frequency control devices
• Contact force ideal for avoiding measurement error
• Highest quality socket available
• Clam shell design for easy open and close
• Reliable gold plated POGO pins
• Suitable for high temperature burn-in test
• Operating Temperature: -30 ~ +150˚C
ASET (for a pdf download go to www.abracon.com/Oscillators/ASET.pdf)
ASEK (for a pdf download go to www.abracon.com/Oscillators/ASET.pdf)
* ABRACON test and burn in sockets are compatible with all
industry standard frequency control packages.
Revised: 07.10.09


Similar Part No. - AXS-3225-04-05

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3225-04-01 ABRACON-AXS-3225-04-01 Datasheet
394Kb / 1P
   Reliable gold plated POGO pins
07.10.09
AXS-3225-04-02 ABRACON-AXS-3225-04-02 Datasheet
405Kb / 1P
   Clam shell design for easy open and close
07.10.09
AXS-3225-04-04 ABRACON-AXS-3225-04-04 Datasheet
1Mb / 1P
   Highest quality socket available
02.15.16
AXS-3225-04-06 ABRACON-AXS-3225-04-06 Datasheet
403Kb / 1P
   Clam shell design for easy open and close
07.10.09
AXS-3225-04-07 ABRACON-AXS-3225-04-07 Datasheet
399Kb / 1P
   Reliable gold plated POGO pins
07.10.09
More results

Similar Description - AXS-3225-04-05

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-5032-04-12 ABRACON-AXS-5032-04-12 Datasheet
395Kb / 1P
   Clam shell design for easy open and close
07.13.09
AXS-5032-04-02 ABRACON-AXS-5032-04-02 Datasheet
412Kb / 1P
   Clam shell design for easy open and close
07.13.09
AXS-5032-04-06 ABRACON-AXS-5032-04-06 Datasheet
412Kb / 1P
   Clam shell design for easy open and close
07.13.09
AXS-5032-02-06 ABRACON-AXS-5032-02-06 Datasheet
398Kb / 1P
   Clam shell design for easy open and close
07.13.09
AXS-3225-04-08 ABRACON-AXS-3225-04-08 Datasheet
406Kb / 1P
   Clam shell design for easy open and close
07.10.09
AXS-7550-06-05 ABRACON-AXS-7550-06-05 Datasheet
412Kb / 1P
   Clam shell design for easy open and close
07.13.09
AXS-3225-04-06 ABRACON-AXS-3225-04-06 Datasheet
403Kb / 1P
   Clam shell design for easy open and close
07.10.09
AXS-4918-02-11 ABRACON-AXS-4918-02-11 Datasheet
403Kb / 1P
   Clam shell design for easy open and close
07.10.09
AXS-3225-04-12 ABRACON-AXS-3225-04-12 Datasheet
406Kb / 1P
   Clam shell design for easy open and close
07.10.09
AXS-7050-04-02 ABRACON-AXS-7050-04-02 Datasheet
411Kb / 1P
   Clam shell design for easy open and close
07.13.09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com