Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC0603JRNPO5BN Datasheet(PDF) 21 Page - YAGEO Corporation

Part # AC0603JRNPO5BN
Description  SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0603JRNPO5BN Datasheet(HTML) 21 Page - YAGEO Corporation

Back Button AC0603JRNPO5BN Datasheet HTML 16Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 17Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 18Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 19Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 20Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 21Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 22Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 23Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 24Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Automotive grade
NP0
/X7R 6.3 V to 630 V
www.yageo.com
Mar. 31, 2017 V.6
Surface-Mount Ceramic Multilayer Capacitors
21
24
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Electrical
Characterization
AEC-Q200
19
Parametrically test per lot and sample size requirements,
summary to show Min, Max, Mean and Standard deviation at
room as well as Min and Max operating temperatures.
∆C/C
Class 1:
NP0: ± 30 ppm/°C
Class2:
X7R: ± 15%
Class 1:
NP0: -55 °C to +125 °C
Normal temperature: 20 °C
Class 2:
X7R: -55 °C to +125 °C
Normal temperature: 20 °C
Board Flex
AEC-Q200
21
Part mounted on a 100 mm X 40 mm FR4 PCB board, which
is 1.6 ± 0.2 mm thick and has a layer-thickness 35 µm ± 10
µm.
Part should be mounted using the following soldering reflow
profile.
Conditions:
Class1:
Bending 3 mm at a rate of 1 mm/s, radius jig 340 mm
Class2:
Bending 2 mm at a rate of 1 mm/s, radius jig 340 mm
Test Substrate:
100
40
b
C
a
4.5
YNSC147
unit: mm
No visible damage
∆C/C
Class1:
NP0: Within ± 1% or 0.5 pF,
whichever is greater
Class2:
X7R: ± 10%
Dimension(mm)
Type
a
b
c
0201
0.3
0.9
0.3
0402
0.4
1.5
0.5
0603
1.0
3.0
1.2
0805
1.2
4.0
1.65
1206
2.2
5.0
1.65
1210
2.2
5.0
2.0
1808
3.5
7.0
3.7
Terminal
Strength
AEC-Q200
22
With the component mounted on a PCB obtained with the
device to be tested, apply a 17.7N (1.8Kg) force to the side of
a device being tested.
This force shall be applied for 60+1 seconds.
Also the force shall be applied gradually as not to apply a
shock to the component being tested.
* Apply 2N force for 0402 size.
Magnification of 20X or greater
may be employed for
inspection of the mechanical
integrity of the device body,
terminals and body/terminal
junction.
Before, during and after the
test, the device shall comply
with all electrical requirements
stated in this specification.


Similar Part No. - AC0603JRNPO5BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0603JR-07100R YAGEO-AC0603JR-07100R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-0710M YAGEO-AC0603JR-0710M Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-0710R YAGEO-AC0603JR-0710R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-0710RL YAGEO-AC0603JR-0710RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-071K YAGEO-AC0603JR-071K Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC0603JRNPO5BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com