Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC0603JRNPO5BN Datasheet(PDF) 19 Page - YAGEO Corporation

Part # AC0603JRNPO5BN
Description  SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0603JRNPO5BN Datasheet(HTML) 19 Page - YAGEO Corporation

Back Button AC0603JRNPO5BN Datasheet HTML 15Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 16Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 17Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 18Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 19Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 20Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 21Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 22Page - YAGEO Corporation AC0603JRNPO5BN Datasheet HTML 23Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Automotive grade
NP0
/X7R 6.3 V to 630 V
www.yageo.com
Mar. 31, 2017 V.6
Surface-Mount Ceramic Multilayer Capacitors
19
24
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Operational Life
AEC-Q200
8
1. Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for
24 ± 1 hour at room temp
2. Initial measure:
Spec: refer to initial spec C, D, IR
3. Endurance test:
Temperature: X7R: 125 °C
Specified stress voltage applied for 1,000 hours:
Applied 2.0 x Ur for general products
Applied 1.5 x Ur for high cap. Products
High voltage series follows with below
stress condition:
Applied 1.5 x Ur for 200V, 250V series
Applied 1.3 x Ur for 500V, 630V series
Applied 1.2 x Ur for 1KV, 2KV, 3KV series
4. Recovery time: 24 ± 2 hours
5. Final measure: C, D, IR
Note: If the capacitance value is less than the minimum value
permitted, then after the other measurements have been
made the capacitor shall be preconditioned according to “IEC
60384 4.1” and then the requirement shall be met.
No visual damage
∆C/C
NP0: Within ± 2% or 1 pF,
whichever is greater
X7R: ± 15%
D.F.
NP0: ≤ 2 x specified value.
X7R: ≤ 16V: ≤ 7%
≥ 25V: ≤ 5%
IR
NP0: ≥ 4,000 MΩ or IR x Cr
40s whichever is less
X7R: ≥ 1,000 MΩ or IRx Cr
50s whichever is less
External Visual
AEC-Q200
9
Any applicable method using × 10 magnification
In accordance with
specification
Physical
Dimension
AEC-Q200
10
Verify physical dimensions to the applicable device
specification.
In accordance with
specification
Mechanical
Shock
AEC-Q200
13
Three shocks in each direction shall be applied along the three
mutually perpendicular axes of the test specimen (18 shocks)
Peak value: 1,500 g’s
Duration: 0.5 ms
Velocity change: 15.4 ft/s
Waveform: Half-sin
∆C/C
NP0: Within ± 0.5% or 0.5 pF,
whichever is greater
X7R: ± 10%
D.F.
Within initial specified value
IR
Within initial specified value
Vibration
AEC-Q200
14
5 g’s for 20 minutes, 12 cycles each of 3 orientations.
Note:
Use 8” x 5” PCB. 0.31” thick 7 secure points on one long side
and 2 secure points at corners of opposite sides. Parts
mounted within 2” from any secure point. Test from
10-2000 Hz.
∆C/C
NP0: Within ± 0.5% or 0.5 pF,
whichever is greater
X7R: ± 10%
D.F: meet initial specified value
IR meet initial specified value


Similar Part No. - AC0603JRNPO5BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0603JR-07100R YAGEO-AC0603JR-07100R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-0710M YAGEO-AC0603JR-0710M Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-0710R YAGEO-AC0603JR-0710R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-0710RL YAGEO-AC0603JR-0710RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603JR-071K YAGEO-AC0603JR-071K Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC0603JRNPO5BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com