Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2148G Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2148G
Description  5V E1/T1/J1 Line Interface
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148G Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2148G Datasheet HTML 2Page - Dallas Semiconductor DS2148G Datasheet HTML 3Page - Dallas Semiconductor DS2148G Datasheet HTML 4Page - Dallas Semiconductor DS2148G Datasheet HTML 5Page - Dallas Semiconductor DS2148G Datasheet HTML 6Page - Dallas Semiconductor DS2148G Datasheet HTML 7Page - Dallas Semiconductor DS2148G Datasheet HTML 8Page - Dallas Semiconductor DS2148G Datasheet HTML 9Page - Dallas Semiconductor DS2148G Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
DS2148/Q48
6 of 75
3. INTRODUCTION
The analog AMI/HDB3 waveform off the E1 line or the AMI/B8ZS waveform off the T1 line is
transformer coupled into the RTIP and RRING pins of the DS2148. The user has the option to use
internal software-selectable receive-side termination for 75Ω/100Ω/120
W applications or external
termination. The device recovers clock and data from the analog signal and passes it through the jitter
attenuation MUX outputting the received line clock at RCLK and bipolar or NRZ data at RPOS and
RNEG. The DS2148 contains an active filter that reconstructs the analog-received signal for the nonlinear
losses that occur in transmission. The receive circuitry also is configurable for various monitor
applications. The device has a usable receive sensitivity of 0dB to -43dB (E1) and 0dB to -36dB (T1),
which allows the device to operate on 0.63mm (22AWG) cables up to 2.5km (E1) and 6k feet (T1) in
length. Data input at TPOS and TNEG is sent via the jitter attenuation MUX to the waveshaping circuitry
and line driver. The DS2148 will drive the E1 or T1 line from the TTIP and TRING pins via a coupling
transformer. The line driver can handle both CEPT 30/ISDN-PRI lines for E1 and long-haul (CSU) or
short-haul (DSX-1) lines for T1.
3.1
DOCUMENT REVISION HISTORY
1) 100
W/60W termination reversed in Internal Rx Termination Select tables, 091799.
2) Add DS21Q48 pinout, 092899.
3) Correct VSM pin number in Q48 (12 x 12 BGA) from G5 to G4, 120699.
4) Add timing diagram for Status Register (write access mode); Add mechanical dimensions for the
quad version, 032900.
5) Timing diagram for Status Register (write access mode) added; elaboration on burst mode bit; add
mechanical dimensions for the quad version, 050300.
6) Changes to datasheet to indicate 5V only part, 011801.
7) Added supply current measurement; added thermal characteristics of quad package, 092001.
8) Corrected typos and removed instances of 3V operation, 082504.


Similar Part No. - DS2148G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2148G MAXIM-DS2148G Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
DS2148G++ MAXIM-DS2148G+ Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
DS2148GN MAXIM-DS2148GN Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
More results

Similar Description - DS2148G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
logo
Dallas Semiconductor
DS21348 DALLAS-DS21348 Datasheet
551Kb / 73P
   3.3V E1/T1/J1 Line Interface
logo
Maxim Integrated Produc...
DS2149 MAXIM-DS2149 Datasheet
578Kb / 32P
   5V T1/J1 Line Interface Unit
REV: 113004
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
   OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
   Octal T1/E1/J1 Line Interface Unit
logo
Dallas Semiconductor
DS21448 DALLAS-DS21448 Datasheet
1Mb / 60P
   3.3V E1/T1/J1 Quad Line Interface
logo
Maxim Integrated Produc...
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
   Octal T1/E1/J1 Line Interface Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com