Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR1560S Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SUR1560S
Description  Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SUR1560S Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SUR1560S_16 Datasheet HTML 1Page - Sirectifier Semiconductors SUR1560S_16 Datasheet HTML 2Page - Sirectifier Semiconductors SUR1560S_16 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SUR1560S
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
IFRM
TVJ=TVJM
TC=100oC; rectangular, d=0.5
tp<10us; rep. rating, pulse width limited by TVJM
25
15
150
A
TVJ=45oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
100
110
85
95
A
IFSM
TVJ=45oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
50
50
36
37
A2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+150
oC
Ptot
TC=25oC
Md
Mounting torque
62
0.4...0.6
2
W
Nm
Weight
g
SUR1560S
VRSM
V
600
VRRM
V
600
C(TAB)
A=Anode, NC= No connection, TAB=Cathode
NC
A
C
A
Dimensions TO-263(D2PAK)
1. Gate
2. Collector
3. Emitter
4. Collector
Botton Side
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.315
.350
E
9.65
10.29
.380
.405
E1
6.22
8.13
.245
.320
e
2.54 BSC
.100 BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.20
0
.008
R
0.46
0.74
.018
.029
Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - SUR1560S_16

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR1560S SIRECTIFIER-SUR1560S Datasheet
244Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - SUR1560S_16

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR6030 SIRECTIFIER-SUR6030_16 Datasheet
214Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR1040CT SIRECTIFIER-SUR1040CT Datasheet
317Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR1660CT SIRECTIFIER-SUR1660CT_16 Datasheet
246Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR2X30-04 SIRECTIFIER-SUR2X30-04_16 Datasheet
149Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR2X60-04 SIRECTIFIER-SUR2X60-04_16 Datasheet
128Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR3020 SIRECTIFIER-SUR3020_16 Datasheet
215Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR3020PT SIRECTIFIER-SUR3020PT_16 Datasheet
218Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR3080 SIRECTIFIER-SUR3080_16 Datasheet
150Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR20100 SIRECTIFIER-SUR20100_16 Datasheet
163Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR2X60-12 SIRECTIFIER-SUR2X60-12_16 Datasheet
122Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com