Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCA-02-111M Datasheet(PDF) 4 Page - Abracon Corporation

Part # ATCA-02-111M
Description  Solar inverters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATCA-02-111M Datasheet(HTML) 4 Page - Abracon Corporation

  ATCA-02-111M Datasheet HTML 1Page - Abracon Corporation ATCA-02-111M Datasheet HTML 2Page - Abracon Corporation ATCA-02-111M Datasheet HTML 3Page - Abracon Corporation ATCA-02-111M Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LOW EMI TOROIDAL INDUCTORS
ATCA Series
Pb RoHS/RoHS II Compliant
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com
REVISED: 06/10/2016
MECHANICAL DIMENSIONS (ALL DIMENSIONS ARE IN mm)
PACKAGING INFORMATION
Vertical
Horizontal
Series #
A
B
C
D
F
1
18.0 Max 11.5 Max
11.0 Max 17.5 Max 15.0 Max
2
22.0 Max 12.5 Max 12.0 Max 21.5 Max 15.0 Max
3
24.0 Max 11.5 Max 10.5 Max 23.0 Max 15.0 Max
4
27.0 Max 13.5 Max 12.5 Max 26.0 Max 15.0 Max
5
30.0 Max 17.0 Max 16.0 Max 29.0 Max 15.0 Max
6
32.0 Max 16.0 Max 15.0 Max 30.0 Max 15.0 Max
7
36.0 Max 19.5 Max 18.0 Max 34.5 Max 15.0 Max
8
42.5 Max 21.5 Max 20.0 Max 41.0 Max 15.0 Max
Series #
Packing
#Pcs/Tray
Box Size (mm)
1
300pcs/tray
190 x 105 x 60
2
200pcs/tray
190 x 105 x 60
3
150pcs/tray
190 x 105 x 60
4
100pcs/tray
190 x 105 x 60
5
50pcs/tray
190 x 105 x 60
6
30pcs/tray
190 x 105 x 60
7
24pcs/tray
190 x 105 x 60
8
20pcs/tray
190 x 105 x 60


Similar Part No. - ATCA-02-111M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATCA-02-111M ABRACON-ATCA-02-111M Datasheet
433Kb / 4P
   LOW EMI TOROIDAL INDUCTORS
06/10/2016
More results

Similar Description - ATCA-02-111M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C2000 TI1-C2000_14 Datasheet
1Mb / 4P
[Old version datasheet]   Jump start your solar design with development kits for micro, central and string inverters
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
   2 INVERTERS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
logo
Renesas Technology Corp
HD74LV2G04A RENESAS-HD74LV2G04A Datasheet
85Kb / 9P
   Triple Inverters
logo
Texas Instruments
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com