Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1486P-120 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1486P-120
Description  RAMified Watchdog Timekeeper
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1486P-120 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1486P-120 Datasheet HTML 6Page - Dallas Semiconductor DS1486P-120 Datasheet HTML 7Page - Dallas Semiconductor DS1486P-120 Datasheet HTML 8Page - Dallas Semiconductor DS1486P-120 Datasheet HTML 9Page - Dallas Semiconductor DS1486P-120 Datasheet HTML 10Page - Dallas Semiconductor DS1486P-120 Datasheet HTML 11Page - Dallas Semiconductor DS1486P-120 Datasheet HTML 12Page - Dallas Semiconductor DS1486P-120 Datasheet HTML 13Page - Dallas Semiconductor DS1486P-120 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DS1486/DS1486P
10 of 17
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; VCC = 5.0V ± 10%)
DS1486-120
DS1486-150
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS NOTES
Read Cycle Time
tRC
120
150
ns
1
Address Access Time
tACC
120
150
ns
CE
Access Time
tCO
120
150
ns
OE
Access Time
tOE
100
120
ns
OE
or CE to Output Active
tCOE
10
10
ns
Output High Z from Deselect
tOD
40
50
ns
Output Hold from Address Change
tOH
10
10
ns
Write Cycle Time
tWC
120
150
ns
Write Pulse Width
tWP
110
140
ns
3
Address Setup Time
tAW
00
ns
Write Recovery Time
tWR
10
15
ns
Output High Z from WE
tODW
40
50
ns
Output Active from WE
tOEW
10
10
ns
4
Data Setup Time
tDS
85
110
ns
4
Data Hold Time
tDH
10
15
ns
4, 5
INTA
, INTB Pulse Width
tIPW
3
3
ms
11, 12
READ CYCLE (Note 1)


Similar Part No. - DS1486P-120

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS148 LUMILEDS-DS148 Datasheet
1Mb / 16P
   High power SMD solution
logo
Dallas Semiconductor
DS1481 DALLAS-DS1481 Datasheet
69Kb / 10P
   1.Wire Bus Master with Overdrive
logo
Maxim Integrated Produc...
DS1481 MAXIM-DS1481 Datasheet
210Kb / 10P
   1-Wire Bus Master with Overdrive
061907
logo
Dallas Semiconductor
DS1481S DALLAS-DS1481S Datasheet
69Kb / 10P
   1-Wire Bus Master with Overdrive
DS1482 DALLAS-DS1482 Datasheet
215Kb / 7P
   1-Wire Level Shifter and Line Driver with Load Sensor
More results

Similar Description - DS1486P-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1386 DALLAS-DS1386 Datasheet
263Kb / 20P
   RAMified Watchdog Timekeeper
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
   Watchdog Timekeeper
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
   Watchdog Timekeeper Chip
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
   Watchdog Timekeeper Chip
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
   Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
   Serial Timekeeper Chip
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
   3.3V TIMEKEEPER supervisor
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Dallas Semiconductor
DS1395 DALLAS-DS1395 Datasheet
193Kb / 19P
   RAMified Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com