Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCA-01-101M Datasheet(PDF) 3 Page - Abracon Corporation

Part # ATCA-01-101M
Description  Solar inverters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATCA-01-101M Datasheet(HTML) 3 Page - Abracon Corporation

  ATCA-01-101M Datasheet HTML 1Page - Abracon Corporation ATCA-01-101M Datasheet HTML 2Page - Abracon Corporation ATCA-01-101M Datasheet HTML 3Page - Abracon Corporation ATCA-01-101M Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TOLERANCE
M±20%
ATCA-
INDUCTANCE CODE
Please refer to the table
above
MOUNT TYPE
H: Horizontal
V: Vertical
SERIES #
1
2
3
4
5
6
7
8
-
-
ATCA series
Pb RoHS/RoHS II Compliant
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com
REVISED: 06/10/2016
STANDARD SPECIFICATIONS
Part No. ATCA-07
Inductance Code
L(µH)
Tolerance
DCR(Ω)
IDC(A)
Dimension
(mm)
E (dia.)
(%)
(max)
(max)
(Nom)
ATCA-07-300M
30
M
0.009
10.0
1.60
ATCA-07-350M
35
M
0.010
10.0
1.60
ATCA-07-560M
56
M
0.020
7.0
1.30
ATCA-07-680M
68
M
0.021
7.0
1.30
ATCA-07-820M
82
M
0.023
7.0
1.30
ATCA-07-101M
100
M
0.036
5.0
1.00
ATCA-07-151M
150
M
0.053
4.0
1.00
ATCA-07-201M
200
M
0.078
3.0
0.85
ATCA-07-301M
300
M
0.142
2.0
0.70
ATCA-07-851M
850
M
0.211
2.0
0.70
Part No. ATCA-08
Inductance Code
ATCA-08-750M
75
M
0.014
10.0
1.60
ATCA-08-131M
130
M
0.031
7.0
1.30
ATCA-08-201M
200
M
0.056
5.0
1.00
ATCA-08-251M
250
M
0.027
10.0
1.60
ATCA-08-471M
470
M
0.064
7.0
1.30
ATCA-08-681M
680
M
0.105
5.0
1.00
LOW EMI TOROIDAL INDUCTORS
PART IDENTIFICATION AND ORDERING INFORMATION


Similar Part No. - ATCA-01-101M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATCA-01-101M ABRACON-ATCA-01-101M Datasheet
433Kb / 4P
   LOW EMI TOROIDAL INDUCTORS
06/10/2016
More results

Similar Description - ATCA-01-101M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C2000 TI1-C2000_14 Datasheet
1Mb / 4P
[Old version datasheet]   Jump start your solar design with development kits for micro, central and string inverters
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
   2 INVERTERS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
logo
Renesas Technology Corp
HD74LV2G04A RENESAS-HD74LV2G04A Datasheet
85Kb / 9P
   Triple Inverters
logo
Texas Instruments
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com