Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251MI-XXLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 251MI-XXLF
Description  Field Programmable SS VersaClock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

251MI-XXLF Datasheet(HTML) 4 Page - Integrated Device Technology

  251MI-XXLF Datasheet HTML 1Page - Integrated Device Technology 251MI-XXLF Datasheet HTML 2Page - Integrated Device Technology 251MI-XXLF Datasheet HTML 3Page - Integrated Device Technology 251MI-XXLF Datasheet HTML 4Page - Integrated Device Technology 251MI-XXLF Datasheet HTML 5Page - Integrated Device Technology 251MI-XXLF Datasheet HTML 6Page - Integrated Device Technology 251MI-XXLF Datasheet HTML 7Page - Integrated Device Technology 251MI-XXLF Datasheet HTML 8Page - Integrated Device Technology 251MI-XXLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
4
REVISION E 05/19/14
ICS251 DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS251. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or
any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are
guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage, VDD
Referenced to GND
-0.5
4.6
V
Inputs
Referenced to GND
-0.5
VDD+ 0.5
V
Clock Outputs
Referenced to GND
-0.5
VDD+ 0.5
V
Storage Temperature
-65
150
C
Soldering Temperature
Max 10 seconds
260
C
Junction Temperature
125
C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (ICS251M)
0
+70
C
Ambient Operating Temperature (ICS251MI)
-40
+85
C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.3
+3.45
V
Power Supply Ramp Time
4
ms


Similar Part No. - 251MI-XXLF

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Littelfuse
251 LITTELFUSE-251 Datasheet
864Kb / 4P
   Axial Lead & Cartridge Fuses
logo
Oscilent Corporation
251-12.0M-SR-05GP OSCILENT-251-12.0M-SR-05GP Datasheet
170Kb / 4P
   SMD Quartz Crystal
251-12.0M-SR-05GR OSCILENT-251-12.0M-SR-05GR Datasheet
170Kb / 4P
   SMD Quartz Crystal
251-12.0M-SR-05GS OSCILENT-251-12.0M-SR-05GS Datasheet
170Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 251MI-XXLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
   Field Programmable SS VersaClock Synthesizer
logo
Integrated Device Techn...
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
   FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
   FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
   FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
   Field Programmable Dual Output SS VersaClock Synthesizer
logo
Integrated Device Techn...
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
   FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
   TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
   Field Programmable Triple Output SS VersaClock Synthesizer
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
   FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
   FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com