Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2972 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # F2972
Description  High Linearity Broadband SP2T 5MHz to 10GHz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2972 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button F2972 Datasheet HTML 5Page - Integrated Device Technology F2972 Datasheet HTML 6Page - Integrated Device Technology F2972 Datasheet HTML 7Page - Integrated Device Technology F2972 Datasheet HTML 8Page - Integrated Device Technology F2972 Datasheet HTML 9Page - Integrated Device Technology F2972 Datasheet HTML 10Page - Integrated Device Technology F2972 Datasheet HTML 11Page - Integrated Device Technology F2972 Datasheet HTML 12Page - Integrated Device Technology F2972 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
F2972 Datasheet
© 2017 Integrated Device Technology, Inc.
9
Rev O April 19, 2017
Thermal Characteristics
Table 8.
Package Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance
θJA
102
°C/W
Junction to Case Thermal Resistance
(Case is defined as the exposed paddle)
θJC_BOT
56
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
Typical Operating Conditions (TOCs)
Unless otherwise noted:
VCC = +3.3V
EN = HIGH
ZL = ZS = 75
ZL = ZS = 50
All temperatures are referenced to the exposed paddle
Evaluation Kit traces and connector losses are de-embedded


Similar Part No. - F2972

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2972 RENESAS-F2972 Datasheet
5Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
F2972EVBI-50OHM RENESAS-F2972EVBI-50OHM Datasheet
5Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
F2972EVBI-75OHM RENESAS-F2972EVBI-75OHM Datasheet
5Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
F2972NEGK RENESAS-F2972NEGK Datasheet
5Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
F2972NEGK8 RENESAS-F2972NEGK8 Datasheet
5Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
More results

Similar Description - F2972

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2976 IDT-F2976 Datasheet
3Mb / 24P
   High Linearity Broadband SP2T 5MHz to 10GHz
logo
Renesas Technology Corp
F2976 RENESAS-F2976 Datasheet
4Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
F2972 RENESAS-F2972 Datasheet
5Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
logo
Integrated Device Techn...
F2977 IDT-F2977 Datasheet
3Mb / 18P
   High Linearity Broadband SP2T 30MHz to 6GHz
logo
Renesas Technology Corp
F2977 RENESAS-F2977 Datasheet
3Mb / 19P
   High Linearity Broadband SP2T 30MHz to 6GHz
logo
Linear Technology
LTC5598 LINER-LTC5598_15 Datasheet
293Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
logo
RF Micro Devices
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com