Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

844003 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 844003
Description  FemtoClock Crystal-to-3.3V LVDS Frequency Synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844003 Datasheet(HTML) 3 Page - Integrated Device Technology

  844003 Datasheet HTML 1Page - Integrated Device Technology 844003 Datasheet HTML 2Page - Integrated Device Technology 844003 Datasheet HTML 3Page - Integrated Device Technology 844003 Datasheet HTML 4Page - Integrated Device Technology 844003 Datasheet HTML 5Page - Integrated Device Technology 844003 Datasheet HTML 6Page - Integrated Device Technology 844003 Datasheet HTML 7Page - Integrated Device Technology 844003 Datasheet HTML 8Page - Integrated Device Technology 844003 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
©2016 Integrated Device Technology, Inc.
January 29, 2016
844003 Datasheet
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
21
nQB0
Output
Differential output pair. LVDS interface levels.
22
QB0
Output
Differential output pair. LVDS interface levels.
23
VDDO_B
Power
Output supply pin for Bank B outputs.
24
DIV_SELB1
Input
Pullup
Division select pin for Bank B. LVCMOS/LVTTL interface levels. See Table 3C.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input
Capacitance
LVCMOS/
LVTTL Inputs
4pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k
Number
Name
Type
Description


Similar Part No. - 844003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844003 RENESAS-844003 Datasheet
630Kb / 19P
   FemtoClock® Crystal-to-3.3V LVDS Frequency Synthesizer
January 29, 2016
844003-01 RENESAS-844003-01 Datasheet
455Kb / 21P
   FemtoClocks™ Crystal-TO-LVDS Frequency Synthesizer
06/10/15
logo
Integrated Device Techn...
844003AKI-04LF IDT-844003AKI-04LF Datasheet
318Kb / 19P
   FemtoClock Crystal-to-LVDS Frequency Synthesizer
844003AKI-04LFT IDT-844003AKI-04LFT Datasheet
318Kb / 19P
   FemtoClock Crystal-to-LVDS Frequency Synthesizer
logo
Renesas Technology Corp
844003BI-01 RENESAS-844003BI-01 Datasheet
444Kb / 23P
   FEMTOCLOCKS™ Crystal-to-LVDS Frequency Synthesizer
12/18/14
More results

Similar Description - 844003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844003 RENESAS-844003 Datasheet
630Kb / 19P
   FemtoClock® Crystal-to-3.3V LVDS Frequency Synthesizer
January 29, 2016
logo
Integrated Device Techn...
844003I-04 IDT-844003I-04 Datasheet
318Kb / 19P
   FemtoClock Crystal-to-LVDS Frequency Synthesizer
logo
Renesas Technology Corp
844004I-104 RENESAS-844004I-104 Datasheet
599Kb / 19P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
844008I-01 RENESAS-844008I-01 Datasheet
607Kb / 19P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
4/22/15
844003I-04 RENESAS-844003I-04 Datasheet
514Kb / 20P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
November 10, 2016
logo
Integrated Device Techn...
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
   FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844003EI-01 RENESAS-844003EI-01 Datasheet
488Kb / 15P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
November 11, 2016
844008I-15 RENESAS-844008I-15 Datasheet
489Kb / 16P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
7/2/15
ICS844004I-01 RENESAS-ICS844004I-01 Datasheet
1Mb / 17P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
844002 RENESAS-844002 Datasheet
493Kb / 17P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
6/9/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com