Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843442AGILF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 843442AGILF
Description  FemtoClock??SAS/SATA Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843442AGILF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 843442AGILF Datasheet HTML 6Page - Integrated Device Technology 843442AGILF Datasheet HTML 7Page - Integrated Device Technology 843442AGILF Datasheet HTML 8Page - Integrated Device Technology 843442AGILF Datasheet HTML 9Page - Integrated Device Technology 843442AGILF Datasheet HTML 10Page - Integrated Device Technology 843442AGILF Datasheet HTML 11Page - Integrated Device Technology 843442AGILF Datasheet HTML 12Page - Integrated Device Technology 843442AGILF Datasheet HTML 13Page - Integrated Device Technology 843442AGILF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
843442AG REVISION B 08/21/2015
11
©2015 Integrated Device Technology, Inc.
843442 Data Sheet
FEMTOCLOCK™ SAS/SATA Clock Generator
Reliability Information
Table 7. JA vs. Air Flow Table for a 16 Lead TSSOP
Transistor Count
The transistor count for 843442 is: 3037
Package Outline and Package Dimensions
Package Outline - G Suffix for 16-Lead TSSOP
Table 8. Package Dimensions for 16 Lead TSSOP
Reference Document: JEDEC Publication 95, MO-153
JA vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
92.4°C/W
88.0°C/W
85.9°C/W
All Dimensions in Millimeters
Symbol
Minimum
Maximum
N
16
A
1.20
A1
0.05
0.15
A2
0.80
1.05
b
0.19
0.30
c
0.09
0.20
D
4.90
5.10
E
6.40 Basic
E1
4.30
4.50
e
0.65 Basic
L
0.45
0.75
aaa
0.10


Similar Part No. - 843442AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843442AGILF IDT-843442AGILF Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843442AGILF IDT-843442AGILF Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843442AGILF RENESAS-843442AGILF Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
logo
Integrated Device Techn...
843442AGILFT IDT-843442AGILFT Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843442AGILFT IDT-843442AGILFT Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
More results

Similar Description - 843442AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844441 IDT-844441 Datasheet
356Kb / 15P
   FemtoClock SAS/ SATA Clock Generator
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
   FemtoClock??SAS/SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843751 RENESAS-843751 Datasheet
412Kb / 18P
   FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843441 RENESAS-843441 Datasheet
492Kb / 18P
   FemtoClock® SAS/SATA Clock Generator
June 30, 2016
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com