Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843442 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 843442
Description  FemtoClock??SAS/SATA Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843442 Datasheet(HTML) 3 Page - Integrated Device Technology

  843442 Datasheet HTML 1Page - Integrated Device Technology 843442 Datasheet HTML 2Page - Integrated Device Technology 843442 Datasheet HTML 3Page - Integrated Device Technology 843442 Datasheet HTML 4Page - Integrated Device Technology 843442 Datasheet HTML 5Page - Integrated Device Technology 843442 Datasheet HTML 6Page - Integrated Device Technology 843442 Datasheet HTML 7Page - Integrated Device Technology 843442 Datasheet HTML 8Page - Integrated Device Technology 843442 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
843442AG REVISION B 08/21/2015
3
©2015 Integrated Device Technology, Inc.
843442 Data Sheet
FEMTOCLOCK™ SAS/SATA Clock Generator
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics,VCC = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
Table 4C. LVPECL DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: Output termination with 50
 to V
CC – 2V.
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
92.4°C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Power Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
80
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High Current
F_SEL
VCC = VIN = 3.465V
5
µA
nPLL_SEL,
SSC_SEL[0:1]
VCC = VIN = 3.465V
150
µA
IIL
Input
Low Current
F_SEL
VCC = 3.465V, VIN = 0V
-150
µA
nPLL_SEL,
SSC_SEL[0:1]
VCC = 3.465V, VIN = 0V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCC – 2.0
VCC – 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
0.9
V


Similar Part No. - 843442

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843442 RENESAS-843442 Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
logo
Integrated Device Techn...
843442AGILF IDT-843442AGILF Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843442AGILF IDT-843442AGILF Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843442AGILF RENESAS-843442AGILF Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
logo
Integrated Device Techn...
843442AGILFT IDT-843442AGILFT Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
More results

Similar Description - 843442

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844441 IDT-844441 Datasheet
356Kb / 15P
   FemtoClock SAS/ SATA Clock Generator
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
   FemtoClock??SAS/SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843751 RENESAS-843751 Datasheet
412Kb / 18P
   FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843441 RENESAS-843441 Datasheet
492Kb / 18P
   FemtoClock® SAS/SATA Clock Generator
June 30, 2016
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com