Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-VMMK3413-42 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # DEMO-VMMK3413-42
Description  25 - 45 GHz Directional Detector in SMT Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-VMMK3413-42 Datasheet(HTML) 3 Page - Broadcom Corporation.

  DEMO-VMMK3413-42 Datasheet HTML 1Page - Broadcom Corporation. DEMO-VMMK3413-42 Datasheet HTML 2Page - Broadcom Corporation. DEMO-VMMK3413-42 Datasheet HTML 3Page - Broadcom Corporation. DEMO-VMMK3413-42 Datasheet HTML 4Page - Broadcom Corporation. DEMO-VMMK3413-42 Datasheet HTML 5Page - Broadcom Corporation. DEMO-VMMK3413-42 Datasheet HTML 6Page - Broadcom Corporation. DEMO-VMMK3413-42 Datasheet HTML 7Page - Broadcom Corporation. DEMO-VMMK3413-42 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Product Consistency Distribution Charts at 35 GHz, Vbias = 1.5 V
Ibias: Mean = 0.16 mA, LSL = 0.1 mA, USL = 0.23 mA
Voffset: Mean = 63 mV, LSL = 50 mV, USL = 80 mV
Vdet_On @ Pin = +12 dBm: Mean = 674 mV, LSL = 550 mV, USL = 790 mV
Notes:
Distribution data sample sized is based on at least 57 Kpcs taken from
MPV lots.
Future wafers allocated to this product may have nominal values
anywhere between the upper and lower limits.
70
80
50
60
LSL
USL
800
600
700
LSL
USL
0.11
0.13
0.15
0.17
0.19
0.09
0.21
0.23
LSL
USL


Similar Part No. - DEMO-VMMK3413-42

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK3413-35 BOARDCOM-DEMO-VMMK3413-35 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
More results

Similar Description - DEMO-VMMK3413-42

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3413 AVAGO-VMMK-3413 Datasheet
656Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK3413-35 BOARDCOM-DEMO-VMMK3413-35 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
DEMO-VMMK3313-24 BOARDCOM-DEMO-VMMK3313-24 Datasheet
645Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
DEMO-VMMK-3113 BOARDCOM-DEMO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3313 AVAGO-VMMK-3313 Datasheet
652Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK-3213 BOARDCOM-DEMO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3113 AVAGO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
VMMK-3213 AVAGO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package Ultrathin (0.25 mm)
logo
United Monolithic Semic...
CHT4694-99F UMS-CHT4694-99F_15 Datasheet
577Kb / 14P
   25-45 GHz Attenuator
logo
Skyworks Solutions Inc.
DD02-999 SKYWORKS-DD02-999_06 Datasheet
525Kb / 6P
   650 MHz-3 GHz Directional Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com