Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-VMMK-1225-12 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # DEMO-VMMK-1225-12
Description  0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-VMMK-1225-12 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button DEMO-VMMK-1225-12 Datasheet HTML 2Page - Broadcom Corporation. DEMO-VMMK-1225-12 Datasheet HTML 3Page - Broadcom Corporation. DEMO-VMMK-1225-12 Datasheet HTML 4Page - Broadcom Corporation. DEMO-VMMK-1225-12 Datasheet HTML 5Page - Broadcom Corporation. DEMO-VMMK-1225-12 Datasheet HTML 6Page - Broadcom Corporation. DEMO-VMMK-1225-12 Datasheet HTML 7Page - Broadcom Corporation. DEMO-VMMK-1225-12 Datasheet HTML 8Page - Broadcom Corporation. DEMO-VMMK-1225-12 Datasheet HTML 9Page - Broadcom Corporation. DEMO-VMMK-1225-12 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
VMMK-1225 Typical Scattering Parameters and Noise Parameters, TA=25°C, Vds=1.5V, Ids=20mA[1]
Freq
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
dB
2
0.95
-41.45
19.16
9.07
149.23
0.04
63.03
0.75
-25.07
35.71
3
0.92
-60.81
18.64
8.55
135.54
0.05
51.14
0.71
-36.68
32.36
4
0.88
-79.22
18.03
7.97
122.51
0.06
40.08
0.66
-47.70
29.32
5
0.85
-95.99
17.35
7.37
110.76
0.07
30.08
0.62
-57.44
27.04
6
0.82
-111.80
16.64
6.80
99.69
0.08
20.91
0.57
-66.62
25.10
7
0.79
-126.35
15.94
6.26
89.35
0.09
12.49
0.53
-75.19
23.45
8
0.77
-139.88
15.23
5.77
79.62
0.09
4.67
0.49
-83.31
22.05
9
0.75
-152.58
14.50
5.31
70.33
0.09
-2.71
0.46
-91.35
20.76
10
0.74
-164.13
13.82
4.91
61.64
0.09
-9.42
0.43
-98.74
19.66
11
0.73
-174.92
13.16
4.55
53.54
0.09
-15.86
0.41
-105.72
18.68
12
0.72
175.03
12.54
4.24
45.64
0.09
-21.52
0.38
-112.70
17.84
13
0.72
165.58
11.95
3.96
38.11
0.09
-27.32
0.37
-119.39
17.08
14
0.72
156.60
11.38
3.71
30.88
0.09
-32.92
0.35
-125.81
16.37
15
0.71
148.19
10.86
3.49
23.83
0.09
-37.75
0.34
-131.85
15.76
16
0.72
139.78
10.37
3.30
16.76
0.09
-42.36
0.33
-138.18
15.26
17
0.72
131.83
9.89
3.12
9.84
0.08
-47.16
0.33
-144.56
14.79
18
0.72
124.31
9.42
2.96
3.32
0.08
-51.18
0.32
-150.78
14.34
19
0.73
116.48
8.97
2.81
-3.41
0.08
-55.89
0.32
-157.20
13.95
20
0.73
109.16
8.55
2.68
-9.91
0.08
-60.43
0.32
-163.11
13.60
21
0.74
102.09
8.15
2.55
-16.35
0.08
-64.86
0.32
-169.12
13.28
22
0.75
94.51
7.76
2.44
-22.84
0.08
-69.11
0.31
-174.70
12.90
23
0.75
87.43
7.38
2.34
-29.48
0.07
-73.28
0.31
178.98
12.59
24
0.76
80.52
7.03
2.25
-35.76
0.07
-77.84
0.31
172.70
12.42
25
0.76
74.22
6.67
2.16
-42.19
0.07
-82.02
0.32
166.48
12.14
26
0.77
67.45
6.31
2.07
-48.60
0.07
-86.38
0.32
159.81
11.88
Typical Noise Parameters
Freq
Fmin
Г opt
Г opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
2
0.15
0.81
16.80
0.18
21.28
3
0.21
0.734
24
0.18
19.91
4
0.28
0.665
31.8
0.17
18.65
5
0.34
0.601
40
0.17
17.49
6
0.41
0.543
48.8
0.16
16.43
7
0.47
0.49
58.2
0.15
15.48
8
0.54
0.442
68
0.14
14.64
9
0.6
0.4
78.4
0.13
13.9
10
0.67
0.363
89.3
0.12
13.27
11
0.73
0.332
100.7
0.11
12.74
12
0.8
0.307
112.6
0.1
12.32
13
0.86
0.286
125.1
0.09
12
14
0.93
0.272
138.1
0.08
11.79
15
0.99
0.262
151.6
0.08
11.68
16
1.06
0.259
165.6
0.08
11.68
17
1.12
0.26
-179.8
0.08
11.79
Note:
1. S-parameters are measured in 50 Ohm test environment.
Figure 16. MSG/MAG and S21 vs Frequency at 1.5V 20mA
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
0
5
10
15
20
25
30
FREQUENCY (GHz)
MSG/MAG
S21
40.00


Similar Part No. - DEMO-VMMK-1225-12

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-1218-10 BOARDCOM-DEMO-VMMK-1218-10 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
More results

Similar Description - DEMO-VMMK-1225-12

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1225 AVAGO-VMMK-1225_15 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
Broadcom Corporation.
VMMK-1225 BOARDCOM-VMMK-1225 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1225 AVAGO-VMMK-1225 Datasheet
827Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-1218 AVAGO-VMMK-1218 Datasheet
837Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
Broadcom Corporation.
DEMO-VMMK-1218-10 BOARDCOM-DEMO-VMMK-1218-10 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-1218 BOARDCOM-VMMK-1218 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1218 AVAGO-VMMK-1218_15 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
Broadcom Corporation.
VMMK-2103 BOARDCOM-VMMK-2103 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com