Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-43228 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # DEMO-MGA-43228
Description  (2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-43228 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button DEMO-MGA-43228 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-43228 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-43228 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-43228 Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-43228 Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-43228 Datasheet HTML 12Page - Broadcom Corporation. DEMO-MGA-43228 Datasheet HTML 13Page - Broadcom Corporation. DEMO-MGA-43228 Datasheet HTML 14Page - Broadcom Corporation. DEMO-MGA-43228 Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Freq
(GHz)
S11
(dB)
S11
(ang)
S21
(dB)
S21
(ang)
S12
(dB)
S12
(ang)
S22
(dB)
S22
(ang)
4.1
-2.91
-145.17
1.58
-76.59
-58.56
-46.37
-3.18
154.71
4.2
-2.44
-156.10
-1.86
-90.71
-59.67
-60.83
-2.86
154.26
4.3
-2.09
-166.12
-5.40
-100.95
-60.07
-65.19
-2.59
152.78
4.4
-1.81
-175.20
-8.22
-104.50
-65.75
-70.78
-2.66
150.89
4.5
-1.59
176.43
-10.11
-115.92
-74.10
-107.53
-2.65
152.94
4.6
-1.42
168.84
-13.08
-127.31
-71.48
-113.28
-2.19
153.02
4.7
-1.27
161.84
-16.03
-134.59
-67.54
-61.75
-1.86
151.75
4.8
-1.16
155.37
-18.72
-140.05
-69.99
-96.01
-1.61
150.18
4.9
-1.07
149.38
-21.12
-144.98
-69.70
-139.39
-1.42
148.64
5.0
-0.96
144.61
-23.43
-149.53
-73.41
157.93
-1.26
147.53
5.1
-0.86
140.77
-25.74
-154.21
-73.37
30.13
-1.14
146.31
5.2
-0.82
136.27
-27.78
-158.95
-69.14
56.84
-1.04
144.97
5.3
-0.76
132.02
-29.67
-164.50
-65.87
68.20
-0.95
143.56
5.4
-0.72
128.07
-31.56
-169.63
-68.35
72.30
-0.88
142.13
5.5
-0.70
124.34
-33.33
-174.90
-68.19
17.54
-0.82
140.96
5.6
-0.67
120.82
-35.00
179.91
-65.60
26.10
-0.76
139.67
5.7
-0.65
117.53
-36.43
172.91
-66.07
28.18
-0.72
138.52
5.8
-0.62
114.35
-37.80
166.51
-69.00
45.13
-0.68
137.40
5.9
-0.61
111.31
-38.56
157.15
-65.22
47.94
-0.66
136.28
6.0
-0.59
108.42
-39.80
149.51
-61.52
45.21
-0.62
135.21
7.0
-0.49
84.33
-42.79
46.69
-61.72
9.36
-0.52
123.81
8.0
-0.45
63.74
-43.47
-24.40
-60.26
8.41
-0.60
108.42
9.0
-0.41
42.86
-45.25
-82.28
-65.62
-32.54
-0.86
85.39
10.0
-0.33
26.63
-47.36
-153.48
-65.49
11.68
-1.52
54.74
11.0
-0.24
17.50
-48.51
110.48
-58.27
-2.04
-4.01
6.59
12.0
-0.25
11.03
-59.52
-51.06
-57.17
-90.66
-5.08
-95.45
13.0
-0.41
0.47
-67.82
-58.75
-63.68
-92.80
-1.98
158.86
14.0
-0.50
-15.78
-59.79
-89.31
-62.94
-67.76
-1.16
114.62
15.0
-0.50
-31.91
-59.35
-138.86
-57.09
-125.83
-1.05
82.18
16.0
-0.35
-41.52
-65.19
-172.99
-64.04
-125.64
-0.94
53.87
17.0
-0.35
-42.84
-70.37
141.73
-64.09
170.88
-0.96
26.70
18.0
-0.48
-45.97
-73.46
26.58
-69.40
115.88
-0.94
-0.67
19.0
-0.65
-55.95
-60.23
-10.98
-64.83
55.04
-0.85
-22.94
20.0
-0.96
-74.76
-68.12
-36.15
-64.62
-16.23
-0.95
-44.59
Notes:
1. S-parameter is measured with deembedded reference plane at DUT RFin and RFout pins.
2. R2 = 1.2k
, R3 = 300, R4 = 1.2k as shown in Figure 36.


Similar Part No. - DEMO-MGA-43228

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-43128 BOARDCOM-DEMO-MGA-43128 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
DEMO-MGA-43X28 BOARDCOM-DEMO-MGA-43X28 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
More results

Similar Description - DEMO-MGA-43228

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43228 AVAGO-MGA-43228 Datasheet
380Kb / 19P
   2.3??.5 GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
Broadcom Corporation.
MGA-43228 BOARDCOM-MGA-43228 Datasheet
380Kb / 19P
   2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-43328 BOARDCOM-MGA-43328 Datasheet
379Kb / 19P
   2.5??.7) GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43328 AVAGO-MGA-43328_15 Datasheet
379Kb / 19P
   (2.5??.7) GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-43328 AVAGO-MGA-43328 Datasheet
379Kb / 19P
   2.5??.7 GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-43128 BOARDCOM-DEMO-MGA-43128 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
DEMO-MGA-43X28 BOARDCOM-DEMO-MGA-43X28 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43128 AVAGO-MGA-43128 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity 1.93 ??1.995 GHz Power Amplifi er Module
MGA-43628 AVAGO-MGA-43628 Datasheet
379Kb / 18P
   High Linearity 2.0 ??2.2 GHz Power Amplifi er Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com